Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7927X Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC7927X
Description  SONET/SDH 2.5Gb/s Laser Diode Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7927X Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC7927X Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7927
SONET/SDH 2.5Gb/s Laser Diode Driver
G52201-0, Rev 3.0
Page 3
04/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 5: High Speed Inputs and ECL Outputs
Table 6: Power Dissipation
Table 7: Laser Driver DC Electrical Specifications
Table 8: Laser Driver AC Electrical Specifications
Table 9: Package Thermal Specifications
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VIN
Single-ended Input Voltage Swing
300
—
1500
mVp-p
VCM = -2.0V
VCM
Differential Input Common Mode Range
-2.3
—
-1.3
V
VSS = -5.2V
VOH
ECL Output High Voltage
-1200
——
mV
50
Ω to -2.0V
VOL
ECL Output Low Voltage
——
-1600
mV
50
Ω to -2.0V
VIN
On-Chip Terminations
35
—
65
Ω
Symbol
Parameter
Min
Typ
Max
Units
Conditions
IVSS
Power Supply Current (VSS)
——
120
mA
VSS = -5.5V, IMOD = IBIAS =
0mA, MK/NMK open circuit
PD
Total Power Dissipation
——
700
mW
VSS = -5.5V, IMOD = IBIAS =
0mA, RLOAD = 25Ω to GND,
MK/NMK terminated 50
Ω to -2V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
IBIAS
Programmable Laser Bias Current
2
—
100
mA
—
IMOD
Programmable Modulation Current
2
—
100
mA
—
VIB
Laser Bias Control Voltage
——
VSS +
2.1
VIBIAS = 50mA
VIP
Laser Modulation Control Voltage
——
VSS +
2.1
VIMOD= 60mA
VOCM
Output Voltage Compliance
—
GND -
3V
—
VVSS = -5.2V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
tR, tF
Output Rise and Fall Times
——
100
ps
25
Ω load, 20%-80%,
20mA < IMOD < 60mA,
IBIAS = 60mA
tSU
Data to Clock Setup Time
—
50
90
ps
—
tH
Hold Time
20
50
—
ps
—
Symbol
Parameter
Min
Typ
Max
Units
Conditions
θ
JCC
Thermal Resistance from Junction-to-Case
—
25
—
°C/W
Ceramic Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com