Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7927X Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7927X Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7927X
Download  VSC7927X Download
File Size   124.21 Kbytes
Page   12 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description SONET/SDH 2.5Gb/s Laser Diode Driver

VSC7927X Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7927X Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7927X
Download  VSC7927X Click to download

File Size   124.21 Kbytes
Page   12 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description SONET/SDH 2.5Gb/s Laser Diode Driver

VSC7927X Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7927X Product details

General Description
The VSC7927 is a single 5V supply, 2.5 Gb/s laser diode driver with direct access to the laser modulation and bias FETs. Laser bias and modulation currents are set by external components allowing precision monitoring and setting of the current levels. Data density outputs are provided to allow the user to adjust the laser bias in high unbalanced data applications. Clock and data inputs are differentially terminated to 50Ω.
   
Features
• Rise Times of Less Than 100ps
• High Speed Operation
    (Up to 2.5 Gb/s NRZ Data)
• Differential or Single-Ended Inputs
• Single Supply
• ECL-Compatible Clock and Data Inputs
• Direct Access to Modulation and Bias FETs
• Data Density Monitors
• On-Chip Reclocking Register
• On-Chip Mux for Clocked or Non-clocked Applications
• On-Chip 50Ω Input Termination: Clock and Data
   
Applications
• SDH/SONET @ 622Mb/s, 1.244Gb/s, 2.488Gb/s
• Full Speed Fibre Channel (1.062Gb/s)
   




Similar Part No. - VSC7927X

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923CA VITESSE-VSC7923CA Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923KF VITESSE-VSC7923KF Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923KFL VITESSE-VSC7923KFL Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923X VITESSE-VSC7923X Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
More results


Similar Description - VSC7927X

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88922 MICREL-SY88922 Datasheet
84Kb / 8P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
logo
Vitesse Semiconductor C...
VSC7928 VITESSE-VSC7928 Datasheet
131Kb / 10P
SONET/SDH 3.2Gb/s Laser Diode Driver
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7991 VITESSE-VSC7991 Datasheet
105Kb / 10P
SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC9210 VITESSE-VSC9210 Datasheet
973Kb / 2P
2.5Gb/s SONET/SDH FEC Encoder and Decoder
logo
Micrel Semiconductor
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com