Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB1XX Datasheet(PDF) 13 Page - STMicroelectronics

Part # STBB1XX
Description  Buck-boost DC-DC converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB1XX Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STBB1XX Datasheet HTML 9Page - STMicroelectronics STBB1XX Datasheet HTML 10Page - STMicroelectronics STBB1XX Datasheet HTML 11Page - STMicroelectronics STBB1XX Datasheet HTML 12Page - STMicroelectronics STBB1XX Datasheet HTML 13Page - STMicroelectronics STBB1XX Datasheet HTML 14Page - STMicroelectronics STBB1XX Datasheet HTML 15Page - STMicroelectronics STBB1XX Datasheet HTML 16Page - STMicroelectronics STBB1XX Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
STBB1xx
Application information
13/20
8
Application information
8.1
Programming the output voltage
The STBB1 is available in several two types of version: fixed output voltage (STBB1-xx) and
adjustable output voltage (STBB1-A).
In the first case the device integrates the resistor divider needed to set the right output
voltage. This allows saving 2 external components. The FB pin must be connected directly
to VOUT.
For the adjustable version, the resistor divider must be connected between VOUT and GND
and the middle point of the divider must be connected to FB as shown in Figure 4.
Equation 1
A suggested value for R2 is 100 k
Ω, anyhow, in order to reduce the power consumption a
maximum value of 500 k
Ω can be used.
8.2
Inductor selection
The inductor is the key passive component for switching converters. In case of buck-boost
device, the inductor selection must take into consideration the boundary conditions in which
the converter works as buck at the maximum input voltage and as a boost at the minimum
input voltage.
Two critical inductance values are then obtained according to the following formulas:
Equation 2
Equation 3
Where:
Fs: minimum switching frequency;
ΔIL = is the peak-to-peak inductor ripple current. As a rule of thumb, the peak-to-peak ripple
can be set at 10 % - 20 % of the output current.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
=
1
V
V
2
R
1
R
FB
OUT
L
MAX
MAX
BUCK
MIN
I
fs
VIN
)
VOUT
VIN
(
VOUT
L
Δ
×
×
−
×
=
−
L
MIN
MIN
BOOST
MIN
I
fs
VOUT
)
VIN
VOUT
(
VIN
L
Δ
×
×
−
×
=
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com