Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0139 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0139
Description  The ST7-EMU3 series emulators are the third generation of high-end emulators for ST7
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0139 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0139 Datasheet HTML 17Page - STMicroelectronics UM0139 Datasheet HTML 18Page - STMicroelectronics UM0139 Datasheet HTML 19Page - STMicroelectronics UM0139 Datasheet HTML 20Page - STMicroelectronics UM0139 Datasheet HTML 21Page - STMicroelectronics UM0139 Datasheet HTML 22Page - STMicroelectronics UM0139 Datasheet HTML 23Page - STMicroelectronics UM0139 Datasheet HTML 24Page - STMicroelectronics UM0139 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
UM0139
Emulation Characteristics
21/38
Watchdog
This option allows you to choose whether the watchdog timer is enabled by software or by
hardware.
Refer to the datasheet of your target ST7 MCU for more information on the watchdog timer.
Watchdog halt
There are two options: Reset or No Reset. If this option is set to Reset, when the Watchdog
is enabled and a Halt instruction is encountered in the executable code, a chip reset will be
performed. If this option is set to No Reset, no chip reset will be performed.
EXT_IT
This option bit allows the Port C external interrupt mapping to be configured as ei0 or ei1.
3.2
Hardware simulation
The ST7MDT10-EMU3 emulator has a hardware simulation function that allows you to
simulate the reaction of the target MCU under certain circumstances. This feature can only
be accessed when your emulator is not running.
To access the hardware simulation function, select Debug Instrument > Hardware
Simulation from STVD7’s main menu bar.
Note:
The list of Simulation commands may vary according to the selected microcontroller.
Figure 15.
Hardware simulation window
Table 4.
EXT_IT option bit mapping
ei0
ei1
EXT_IT bit value
PA[7:0] Ports
PB[7:0] Ports
PC[5:0] Ports
1
PA[7:0] Ports
PC[5:0] Ports
PB[7:0] Ports
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com