Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0139 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0139
Description  The ST7-EMU3 series emulators are the third generation of high-end emulators for ST7
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0139 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0139 Datasheet HTML 19Page - STMicroelectronics UM0139 Datasheet HTML 20Page - STMicroelectronics UM0139 Datasheet HTML 21Page - STMicroelectronics UM0139 Datasheet HTML 22Page - STMicroelectronics UM0139 Datasheet HTML 23Page - STMicroelectronics UM0139 Datasheet HTML 24Page - STMicroelectronics UM0139 Datasheet HTML 25Page - STMicroelectronics UM0139 Datasheet HTML 26Page - STMicroelectronics UM0139 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
UM0139
Emulation Characteristics
23/38
3.3
Emulator electrical characteristics
This section details the specific electrical characteristics of the ST7MDT10-EMU3 emulator.
3.3.1
I/O port electrical characteristics
The values shown in Table 6 are the specified values for the I/O port in pull up mode (at
25°C).
Table 6.
Values for I/O port in pull up mode
Parameter Symbol and
Description
Test Conditions
Value in Volts (V)
VCC (V)
Min.
Typ.
Max.
VIH
High level input
voltage
2.0
1.5
--
--
4.5
3.15
--
--
6.0
4.2
--
--
VIL
Low level input
voltage
2.0
--
--
0.5
4.5
--
--
1.35
6.0
--
--
1.8
VOH
High level
output voltage
2.0
VI =VIH or
VIL
IO =-20 µA
1.9
2.0
--
4.5
4.4
4.5
--
6.0
5.9
6.0
--
4.5
IO =-6.0 mA
4.18
4.31
--
6.0
IO =-7.8 mA
5.68
5.8
--
VOL
Low level output
voltage
2.0
VI =VIH or
VIL
IO =20 µA
--
0.0
0.1
4.5
--
0.0
0.1
6.0
--
0.0
0.1
4.5
IO =6.0 mA
--
0.17
0.26
6.0
IO =7.8 mA
--
0.18
0.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com