Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1943 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1943
Description  Getting started with the X-NUCLEO-IHM07M1 motor driver expansion board based on the L6230 for STM32 Nucleo
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1943 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1943 Datasheet HTML 17Page - STMicroelectronics UM1943 Datasheet HTML 18Page - STMicroelectronics UM1943 Datasheet HTML 19Page - STMicroelectronics UM1943 Datasheet HTML 20Page - STMicroelectronics UM1943 Datasheet HTML 21Page - STMicroelectronics UM1943 Datasheet HTML 22Page - STMicroelectronics UM1943 Datasheet HTML 23Page - STMicroelectronics UM1943 Datasheet HTML 24Page - STMicroelectronics UM1943 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
UM1943
Circuit description
DocID028304 Rev 1
21/28
4.3
Analog section
– Hall/Encoder motor speed sensor
The X-NUCLEO-IHM07M1 expansion board implements the Hall/Encoder sensor detecting
circuit for speed measurement. The motor sensor pin, through the J3 connector and an
analog circuit, are connected to the STM32 Nucleo board in order to detect the motor spin;
a +5 V and GND are also provided for power supply of the sensors. For sensors that
require external pull-up, jumper JP3 is available (see figure below). For this setting please,
refer to Table 1: "Jumper settings".
Figure 16: X-NUCLEO-IHM07M1
– hall/encoder sensor circuit
4.4
Analog section
– BEMF detection circuit
The X-NUCLEO-IHM07M1 expansion board provides two hardware solutions for motor
position measuring, one based on sensors (refer to Section 4.3: "Analog section
–
Hall/Encoder motor speed sensor") and the other based on sensorless detection. In six-
step driving mode one of the three phases is left in high impedance state and comparing
the voltage of this phase with the center-tap voltage, we can detect the BEMF zero-
crossing. This signal is acquired with an analog circuit embedded on the board, as shown
in the diagram below.
Figure 17: X-NUCLEO-IHM07M1
– BEMF detection circuit
4.5
Analog section
– Bus voltage and temperature sensing
circuit
The X-NUCLEO-IHM07M1 expansion board provides the hardware for bus voltage sensing
and temperature measurement. This signal is acquired respectively with a resistor divider
HALL/ENCODER SENSOR
5V
GND
A+/H1
B+/H2
Z+/H3
3V3
3V3
5V
A+/H1
B+/H2
Z+/H3
R30
1k8
JP3
JUMPER
C20
R32
1k8
R34
4K7 N.M.
R31
1k8
R33
4K7 N.M.
R29
10k
J3
Stripline m. 1x5
1
2
3
4
5
C22
R28
10k
R27
10k
D4
D3
D2
C19
100n
R35
4K7 N.M.
J4
RING
1
C21
GSPG15092015DI0645
BEMF DETECTION - SIX STEP
OUT1
OUT2
OUT3
GPIO_BEMF
GPIO_BEMF
GPIO_BEMF
BEMF1
BEMF3
3V3
3V3
3V3
3V3
GPIO_BEMF
BEMF1
BEMF2
GPIO_BEMF
GPIO_BEMF
BEMF3
R39
10k
R36
2.2k
D10
BAT30KFILM
D6
BAT30KFILM
R41
10k
D9
BAT30KFILM
D5
BAT30KFILM
D8
BAT30KFILM
R38
2.2k
C23
0.1uF/6.3V
R40
10k
D7
BAT30KFILM
R37
2.2k
GSPG15092015DI0650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com