Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1943 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1943
Description  Getting started with the X-NUCLEO-IHM07M1 motor driver expansion board based on the L6230 for STM32 Nucleo
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1943 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1943 Datasheet HTML 19Page - STMicroelectronics UM1943 Datasheet HTML 20Page - STMicroelectronics UM1943 Datasheet HTML 21Page - STMicroelectronics UM1943 Datasheet HTML 22Page - STMicroelectronics UM1943 Datasheet HTML 23Page - STMicroelectronics UM1943 Datasheet HTML 24Page - STMicroelectronics UM1943 Datasheet HTML 25Page - STMicroelectronics UM1943 Datasheet HTML 26Page - STMicroelectronics UM1943 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
UM1943
BOM (bill of material)
DocID028304 Rev 1
23/28
5
BOM (bill of material)
Table 4: BOM (part 1)
Item
Qty
Ref
Part/ value
Volt/Watt/Amp
Type
Tol.
1
4
C1,C16, C19,C23
100nF
10V
Ceramic Multilayer
Capacitors X7R
10%
2
1
C2
4.7µF 10V
10V
Ceramic Multilayer
Capacitors X7R
20%
3
3
C3,C5,C7
680pF 10V
10V
Ceramic Multilayer
Capacitors C0G
5%
4
3
C4,C6,C8
100pF/6.3V
6.3V
Ceramic Multilayer
Capacitors X7R
10%
5
1
C9
220nF, 16V
16V
Ceramic Multilayer
Capacitors X7R
10%
6
1
C10
10nF 10V
10V
Ceramic Multilayer
Capacitors X7R
10%
7
1
C18
10nF 10V
10V
Ceramic Multilayer
Capacitors X7R
10%
8
2
C11,C13
100nF
100V
Ceramic Multilayer
Capacitors X7R
10%
9
1
C12
10n 100V
100V
Ceramic Multilayer
Capacitors X7R
10%
10
1
C14
4.7nF
10V
Ceramic Multilayer
Capacitors X7R
10%
11
1
C15
100µF
63V
Aluminium Electrolytic
Capacitor
0.2
12
1
C17
1nF
6.3V
Ceramic X7R
10%
13
3
C20,C21,C22
10pF
10V
Ceramic Multilayer
Capacitors C0G
5%
14
1
D1
SMBD 7000
200 mA
Signal Diode
15
9
D2,D3,D4,D5,D6,D7,D8,
D9,D10
BAT30KFILM
30V, 0.3A
ST SCHOTTKY
DIODE
16
1
D11
RED
LED standard - SMD
17
4
JP1,JP2, JP3,J9
JUMPER
2 WAYS STRIP
LINE-MALE 2.54mm
18
1
J1
Input connector
2 way 3.81mm PCB
terminal block
19
1
J2
Motor Connetor
3 way 3.81mm PCB
terminal block
20
1
J3
Stripline m. 1x5
5 WAYS STRIP
LINE-MALE 2.54mm
21
3
J4,J8,J16
RING
TEST POINT 1 mm
22
3
J5,J6J7
CON3
3 WAYS STRIP
LINE-MALE 2.54mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com