Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # B7LF
Description  DC-DC Converter Single / Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B7LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  B7LF Datasheet HTML 1Page - Bothhand USA, LP. B7LF Datasheet HTML 2Page - Bothhand USA, LP. B7LF Datasheet HTML 3Page - Bothhand USA, LP. B7LF Datasheet HTML 4Page - Bothhand USA, LP. B7LF Datasheet HTML 5Page - Bothhand USA, LP. B7LF Datasheet HTML 6Page - Bothhand USA, LP. B7LF Datasheet HTML 7Page - Bothhand USA, LP. B7LF Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Bothhand USA
B7 LF Series - 10 To 15 Watt Isolated
DC-DC Converter Single / Dual Output
38
1 . Features
l
Wide 2 : 1 Input Range
l
Low RippleAnd Noise
l
Input / Output Isolation 1.5K Vdc Or 3K Vdc
l
100% Burn-In
l
Input Filter With Internal Capacitor
l
Custom Design Available
l
Net Weight
: 24 g / 36.5 g Typical
l
RoHS Converter Certified By SGS
2 . Model Selection Guide
(Specifications typical at Ta= +25℃, Nominal input voltage, Rated output current unless otherwise noted)
Model No.
Input
Voltag
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Inut Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%)Max.
Efficiency
(%)Typ.
1) 10 W Single Output Series
B7-123R3S10 LF
3.3
3000
20
1044
50
± 0.5
79
B7-1205S10 LF
9~18
5.0
2000
25
1042
50
± 0.5
80
B7-2405S10 LF
5
2000
13
514
50
± 0.5
81
B7-2412S10 LF
18~36
12
833
15
669
100
± 0.5
83
B7-4805S10 LF
36~72
5
2000
7
260
50
± 0.5
80
2) 15 W Single Output Series
B7-1205S15 LF
5
3000
22
1582
50
± 0.5
79
B7-1212S15 LF
9~18
12
1250
30
1543
100
± 0.5
81
B7-2405S15 LF
5
3000
17
781
50
± 0.5
80
B7-2412S15 LF
18~36
12
1250
20
762
100
± 0.5
82
B7-4805S15 LF
5
3000
12
396
50
± 0.5
79
B7-4812S15 LF
36~72
12
1250
15
381
100
± 0.5
82
3) 10 W Dual Output Series
B7-1205D10 LF
9~18
± 5
± 1000
27
1068
50
± 2
78
B7-2405D10 LF
± 5
± 1000
18
527
50
± 2
79
B7-2415D10 LF
18~36
± 15
± 333
20
661
120
± 2
82
B7-4805D10 LF
± 5
± 1000
12
260
50
± 2
80
B7-4815D10 LF
36~72
± 15
± 333
15
254
120
± 2
80
4) 15 W Dual Output Series
B7-1205D15 LF
± 5
± 1500
27
1603
50
± 2
78
B7-1212D15 LF
9~18
± 12
± 625
32
1563
100
± 2
80
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com


Similar Description - B7LF

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
Single & Dual Output DC/DC Converter
200HFR MAKE-PS-200HFR Datasheet
246Kb / 4P
Single & Dual Output DC/DC Converter
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
Single & Dual Output DC/DC Converter
1000WFR MAKE-PS-1000WFR Datasheet
161Kb / 3P
Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com