Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7LF Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # B7LF
Description  DC-DC Converter Single / Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B7LF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  B7LF Datasheet HTML 1Page - Bothhand USA, LP. B7LF Datasheet HTML 2Page - Bothhand USA, LP. B7LF Datasheet HTML 3Page - Bothhand USA, LP. B7LF Datasheet HTML 4Page - Bothhand USA, LP. B7LF Datasheet HTML 5Page - Bothhand USA, LP. B7LF Datasheet HTML 6Page - Bothhand USA, LP. B7LF Datasheet HTML 7Page - Bothhand USA, LP. B7LF Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Bothhand USA
B7 LF Series - 10 To 15 Watt Isolated DC-
DC Converter Single / Dual Output
39
B7-2405D15 LF
± 5
± 1500
20
791
50
± 2
79
B7-2412D15 LF
18~36
± 12
± 625
22
772
100
± 2
81
B7-4805D15 LF
± 5
± 1500
12
396
50
± 2
79
B7-4815D15 LF
36~72
± 15
± 500
15
381
120
± 2
82
Notes :
1. B7-xxxxSxx or B7-xxxxDxx is for customer design.
2. Load regulation is for output current change from 0% to 100% Max. load.
3 . Absolute Maximum Ratings
(Exceeding these values may damage the module. These are not continuous operating ratings)
Parameter
Condition
Min.
Typ.
Max.
Unit
12V Input Model
-0.7
12
22.5
24V Input Model
-0.7
24
45
Input Absolute Voltage Range
48V Input Model
-0.7
48
90
Vdc
Output Short Circuit Duration
Nominal Input Range
Indefinite & Auto-Restart
Reverse Polarity Input Current Limit
---
---
---
1
A
Operation Temperature (Ambient
Temperature)
Output Full Load
-25
---
+71
Storage Temperature
-55
---
+105
℃
4 . Nominal Input/Output Electrical Specifications
(Specifications typical at Ta= +25℃, Nominal input voltage, Rated output current unless otherwise noted)
Parameter
Condition
Min.
Typ.
Max.
Unit
12V Input Model
9
12
18
24V Input Model
18
24
36
Input Voltage Range
48V Input Model
36
48
72
Vdc
Line Regulation
Output Full Load
---
---
± 0.5
Single Output Model
---
---
± 0.5
Load Regulation
Dual Output Model
---
---
± 2
Output Voltage Accuracy
Nominal Input
---
± 1.0
± 2.0
Output Voltage Balance
Dual Output At Same Load
---
---
± 1.0
%
Switching Frequency
---
250
---
KHz
Temperature Coefficient
Nominal Input
---
± 0.01
± 0.02
% / ℃
Standard Series
1500
---
---
Isolation Voltage
High Isolation Series
3000
---
---
Vdc
Isolation Resistance
500 Vdc
1000
---
---
MΩ
Isolation Capacitance
1KHz / 250mV rms
---
350
---
pF
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com