Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1996 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1996
Description  Getting started with X-NUCLEO-IHM08M1 low-voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1996 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1996 Datasheet HTML 17Page - STMicroelectronics UM1996 Datasheet HTML 18Page - STMicroelectronics UM1996 Datasheet HTML 19Page - STMicroelectronics UM1996 Datasheet HTML 20Page - STMicroelectronics UM1996 Datasheet HTML 21Page - STMicroelectronics UM1996 Datasheet HTML 22Page - STMicroelectronics UM1996 Datasheet HTML 23Page - STMicroelectronics UM1996 Datasheet HTML 24Page - STMicroelectronics UM1996 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
UM1996
Bill of materials
DocID028716 Rev 2
21/29
Item
Quantity
Reference
Part / Value
Voltage / Watt
/ Ampere
Type /
TECNOLOGY
information
Tol.
25
1
J1
Input connector
2 way 6.35mm
PCB terminal
block
26
1
J3
Stripline m. 1x5
5 WAYS
STRIP LINE-
MALE 2.54mm
27
2
J4,J8
RING
TEST POINT
1 mm
28
2
J5,J6
shunt
50A
JUMPER-tin
drop
29
1
J7
Stripline m. 1x3
3 WAYS
STRIP LINE-
MALE 2.54mm
30
1
J16
Motor Connector
3 way 6.35mm
PCB terminal
block
31
2
CN7,CN10
CN7,CN10
ST_MORPHO_1
9x2
ELEVATED
SOCKET ST
MORPHO
CONNECTOR
38 PIN (19x2)
32
2
CN6,CN9
CN6,CN9
8 PIN
ELEVATED
SOCKET
33
1
CN5
CN5
10 PIN
ELEVATED
SOCKET
34
1
CN8
CN8
6 PIN
ELEVATED
SOCKET
35
1
L3
8.2uH
520mA
SMT power
inductor
36
6
Q7,Q8,Q9,Q
10,Q11,Q12
STL220N6F7
60V, 220A
Power
MOSFETS
37
3
R1,R6,R12
6.8 k
Ω
0.1W
SMD
RESISTOR
1%
38
3
R4,R9,R15
1 k
Ω
0.1W
SMD
RESISTOR
1%
39
4
R5,R10,R11,
R16
4.7 k
Ω
0.1W
SMD
RESISTOR
1%
40
6
R2,R7,R13,
R171,R174,
R176
680
Ω
0.1W
SMD
RESISTOR
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com