Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1996 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1996
Description  Getting started with X-NUCLEO-IHM08M1 low-voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1996 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1996 Datasheet HTML 18Page - STMicroelectronics UM1996 Datasheet HTML 19Page - STMicroelectronics UM1996 Datasheet HTML 20Page - STMicroelectronics UM1996 Datasheet HTML 21Page - STMicroelectronics UM1996 Datasheet HTML 22Page - STMicroelectronics UM1996 Datasheet HTML 23Page - STMicroelectronics UM1996 Datasheet HTML 24Page - STMicroelectronics UM1996 Datasheet HTML 25Page - STMicroelectronics UM1996 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Bill of materials
UM1996
22/29
DocID028716 Rev 2
Item
Quantity
Reference
Part / Value
Voltage / Watt
/ Ampere
Type /
TECNOLOGY
information
Tol.
41
34
R3,R8,R14,
R47,R48,R5
0,R51,R52,R
54,R55,R56,
R58,R59,R6
0,R61,R62,R
63,R64,R65,
R67,R70,R7
2,R73,R74,R
77,R78,R79,
R81,R84,R8
5,R86,R170,
R178,R181
0
Ω
0.1W
SMD
RESISTOR
42
1
R17
169
kΩ
0.1W
SMD
RESISTOR
1%
43
1
R18
9.31
kΩ
0.1W
SMD
RESISTOR
1%
44
1
R19
NTC 10k
Ω
NTC
Thermistor
1%
45
1
R20
4.7
kΩ
0.1W
SMD
RESISTOR
46
2
R21,R179
33
kΩ
0.1W
SMD
RESISTOR
47
13
R23,R27,R2
8,R29,R148,
R151,R154,
R157,R163,
R166,R172,
R175,R177
10
kΩ
0.1W
SMD
RESISTOR
48
3
R30,R31,R3
2
1.8
kΩ
0.1W
SMD
RESISTOR
49
3
R33,R34,R3
5
4.7
kΩ
0.1W
SMD
RESISTOR
50
3
R36,R37,R3
8
2.2
kΩ
0.1W
SMD
RESISTOR
1%
51
3
R39,R40,R4
1
10
kΩ
0.125W
SMD
RESISTOR
52
1
R42
100 k
Ω
1/2W
TRIMMER
RESISTOR
10%
53
3
R43,R44,R4
5
0.01
Ω
3W
10 m
Ω
SHUNT
RESISTOR
1%
54
4
R76,R80,R8
2,R182
0 N.M.
0.1W
SMD
RESISTOR
55
1
R83
510
Ω
0.1W
SMD
RESISTOR
56
1
R127
30k
0.1W
SMD
RESISTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com