Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6718TR Datasheet(PDF) 64 Page - STMicroelectronics

Part # L6718TR
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718TR Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L6718TR Datasheet HTML 60Page - STMicroelectronics L6718TR Datasheet HTML 61Page - STMicroelectronics L6718TR Datasheet HTML 62Page - STMicroelectronics L6718TR Datasheet HTML 63Page - STMicroelectronics L6718TR Datasheet HTML 64Page - STMicroelectronics L6718TR Datasheet HTML 65Page - STMicroelectronics L6718TR Datasheet HTML 66Page - STMicroelectronics L6718TR Datasheet HTML 67Page - STMicroelectronics L6718TR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 71 page
background image
System control loop compensation
L6718
64/71
DocID023399 Rev 3
limiting transition corresponds to the load-removal since the inductor results as being
discharged only by VOUT (while it is charged by VIN-VOUT during a load appliance).
Note:
The introduction of a capacitor (CI) in parallel to RFB significantly speeds up the transient
response by coupling the output voltage dV/dt on the FB pin, therefore using the error
amplifier as a comparator. The COMP pin suddenly reacts and, also thanks to the LTB
Technology control scheme, all the phases can be turned on together to immediately give
the output the required energy. A typical design considers starting from values in the range
of 100 pF, validating the effect through bench testing. An additional series resistor (RI) can
also be used.
12.2
LTB technology
LTB Technology further enhances the performances of the controller by reducing the system
latencies and immediately turning ON all the phases to provide the correct amount of energy
to the load optimizing the output capacitor count.
LTB Technology monitors the output voltage through a dedicated pin detecting load-
transients with selected dV/dt, it cancels the interleaved phase-shift, turning on
simultaneously all phases.
The LTB detector is able to detect output load transients by coupling the output voltage
through an RLTB - CLTB network. After detecting a load transient, all the phases are turned
on together and the EA latencies result as bypassed as well.
Sensitivity of the load transient detector can be programmed in order to control precisely
both the undershoot and the ring-back.
LTB Technology design tips.
–
Decrease RLTB to increase the system sensitivity, making the system sensitive to
smaller dVOUT.
–
Increase CLTB to increase the system sensitivity, making the system sensitive to
higher dV/dt.
–
Increase Ri to increase the width of the LTB pulse.
Increase Ci to increase the LTB sensitivity over frequency.
Short LTB pin to GND to disable the function on multi-phase rail. Since LTB technology is
embedded on single-phase rail, SVSEN pin needs to be filtered to disable this feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com