Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6718TR Datasheet(PDF) 67 Page - STMicroelectronics

Part # L6718TR
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718TR Datasheet(HTML) 67 Page - STMicroelectronics

Back Button L6718TR Datasheet HTML 63Page - STMicroelectronics L6718TR Datasheet HTML 64Page - STMicroelectronics L6718TR Datasheet HTML 65Page - STMicroelectronics L6718TR Datasheet HTML 66Page - STMicroelectronics L6718TR Datasheet HTML 67Page - STMicroelectronics L6718TR Datasheet HTML 68Page - STMicroelectronics L6718TR Datasheet HTML 69Page - STMicroelectronics L6718TR Datasheet HTML 70Page - STMicroelectronics L6718TR Datasheet HTML 71Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 67 / 71 page
background image
DocID023399 Rev 3
67/71
L6718
Layout guidelines
14
Layout guidelines
The layout is one of the most important factors to consider when designing high-current
applications. A good layout solution can generate benefits by lowering power dissipation on
the power paths; reducing radiation and a proper connection between signal and power
ground can optimize the performance of the control loops.
Two kinds of critical components and connections must be considered when laying out a
VRM based on the L6718: power components and connections and small signal component
connections.
14.1
Power components and connections
These are the components and connections where switching and high continuous current
flows from the input to the load. The first priority when placing components must be
reserved for this power section, minimizing the length of each connection and loop as much
as possible. To minimize noise and voltage spikes (EMI and losses) these interconnections
must be part of a power plane and realized by wide and thick copper traces: loop must be
minimized. The critical components, i.e. the power transistors, must be close to one another.
The use of a multi-layer printed circuit board is recommended.
As the L6718 uses external drivers to switch the Power MOSFETs, check the selected driver
documentation for information related to the proper layout for this part.
14.2
Small signal components and connections
These are small signal components and connections to critical nodes of the application as
well as bypass capacitors for the device supply. Locate the bypass capacitor close to the
device and refer sensitive components such as the frequency set-up resistor ROSC (both
sections). The VSEN and SVSEN pins filtered vs. GND helps to reduce noise injection into
the device and the ENABLE pin filtered vs. GND helps to reduce false tripping due to
coupled noise: take care when routing the driving net for this pin in order to minimize
coupled noise.
Remote buffer connection must be routed as parallel nets from the VSEN/FBG and
SVSEN/SFBG pins to the load in order to avoid the pick-up of any common mode noise.
Connecting these pins in points far from the load causes a non-optimum load regulation,
increasing output tolerance.
Locate current reading components close to the device. The PCB traces connecting the
reading points must use dedicated nets, routed as parallel traces in order to avoid the pick-
up of any common mode noise. It's also important to avoid any offset in the measurement
and, to get a better precision, to connect the traces as close as possible to the sensing
elements. Symmetrical layout is also suggested. A small filtering capacitor can be added,
near the controller, between VOUT and GND, on the CSx-line when reading across the
inductor to allow higher layout flexibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com