Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751CTR Datasheet(PDF) 45 Page - STMicroelectronics

Part # L6751CTR
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751CTR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L6751CTR Datasheet HTML 41Page - STMicroelectronics L6751CTR Datasheet HTML 42Page - STMicroelectronics L6751CTR Datasheet HTML 43Page - STMicroelectronics L6751CTR Datasheet HTML 44Page - STMicroelectronics L6751CTR Datasheet HTML 45Page - STMicroelectronics L6751CTR Datasheet HTML 46Page - STMicroelectronics L6751CTR Datasheet HTML 47Page - STMicroelectronics L6751CTR Datasheet HTML 48Page - STMicroelectronics L6751CTR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
DocID025037 Rev 1
45/57
L6751C
System control loop compensation
57
11
System control loop compensation
The control system can be modeled with an equivalent single-phase converter with the only
difference being the equivalent inductor L/N (where each phase has an L inductor and N is
the number of the configured phases), see Figure 15.
Figure 15. Equivalent control loop
The control loop gain results (obtained opening the loop after the COMP pin):
Equation 21
where:
RLL is the equivalent output resistance determined by the droop function (voltage
positioning)
ZP(s) is the impedance resulting from the parallel of the output capacitor (and its ESR)
and the applied load RO
ZF(s) is the compensation network impedance
ZL(s) is the equivalent inductor impedance
A(s) is the error amplifier gain
is the PWM transfer function.
The control loop gain is designed in order to obtain a high DC gain to minimize static error
and to cross the 0 dB axes with a constant -20 dB/dec slope with the desired crossover
frequency
T. Neglecting the effect of ZF(s), the transfer function has one zero and two
poles; both poles are fixed once the output filter is designed (LC filter resonance
LC) and
the zero (
ESR) is fixed by ESR and the droop resistance.
Ref
COMP
RF
CF
RFB
PWM
L/N
ESR
CO
d VCOMP
VOUT
ZF(s)
ZFB(s)
FBR
RGND
AM14821v1
GLOOP s

PWM ZF s
 R
LL
ZP s

+


ZP s
 Z
L s

+

ZF s

As

--------------
1
1
As

------------
+

 R
FB
+
-------------------------------------------------------------------------------------------------------------------
–
=
PWM
9
10
------
VIN
V
OSC
-------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com