Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751CTR Datasheet(PDF) 49 Page - STMicroelectronics

Part # L6751CTR
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751CTR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L6751CTR Datasheet HTML 45Page - STMicroelectronics L6751CTR Datasheet HTML 46Page - STMicroelectronics L6751CTR Datasheet HTML 47Page - STMicroelectronics L6751CTR Datasheet HTML 48Page - STMicroelectronics L6751CTR Datasheet HTML 49Page - STMicroelectronics L6751CTR Datasheet HTML 50Page - STMicroelectronics L6751CTR Datasheet HTML 51Page - STMicroelectronics L6751CTR Datasheet HTML 52Page - STMicroelectronics L6751CTR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
DocID025037 Rev 1
49/57
L6751C
PMBus support (preliminary)
57
MFR_SPECIFIC_41
N(1)
F9
RW Byte
GDC_THRESHOLD. To access the internal register to
set GDC threshold [A]
MFR_SPECIFIC_42
N(1)
FA
RW Byte
DPM12_THRESHOLD. To access the internal register
to set the DPM12 threshold [A]
MFR_SPECIFIC_43
N(1)
FB
RW Byte
DPM23_THRESHOLD. To access the internal register
to set the DPM23 threshold [A]
MFR_SPECIFIC_44
N(1)
FC
RW Byte
DPM34_THRESHOLD. To access the internal register
to set the DPM34 threshold [A]
MFR_SPECIFIC_45
N(1)
FD
RW Byte
DPM46_THRESHOLD. To access the internal register
to set the DPM46 threshold [A]
CAPABILITY
N
19
R Byte
Provides a way for a host system to determine key
capabilities of a PMBus device, such as maximum bus
speed and PMBus alert.
VOUT_MODE
N
20
R Byte
The device operates in VID mode
PMBUS_REVISION
N
98
R Byte
Revision of the PMBus which the device is compliant
to
MFR_ID
N
99
R Block
Returns the manufacturers ID
MFR_MODEL
N
9A
R Block
Returns manufacturers model number
MFR_REVISION
N
9B
R Block
Returns the device revision number
MFR_SPECIFIC_EXTENDED
_COMMAND_00
Y
00
R Byte
VR12_STATUS1
MFR_SPECIFIC_EXTENDED
_COMMAND_01
Y
01
R Byte
VR12_STATUS2
MFR_SPECIFIC_EXTENDED
_COMMAND_02
Y
02
R Byte
VR12_TEMPZONE
MFR_SPECIFIC_EXTENDED
_COMMAND_03
Y
03
R Byte
VR12_IOUT
MFR_SPECIFIC_EXTENDED
_COMMAND_05
Y
05
R Byte
VR12_VRTEMP
MFR_SPECIFIC_EXTENDED
_COMMAND_07
Y
07
R Byte
VR12_STATUS2_LASTREAD
MFR_SPECIFIC_EXTENDED
_COMMAND_08
Y
08
R Byte
VR12_ICCMAX
MFR_SPECIFIC_EXTENDED
_COMMAND_09
Y
09
R Byte
VR12_TEMPMAX
MFR_SPECIFIC_EXTENDED
_COMMAND_10
Y
0A
R Byte
VR12_SRFAST
MFR_SPECIFIC_EXTENDED
_COMMAND_11
Y
0B
R Byte
VR12_SRSLOW
MFR_SPECIFIC_EXTENDED
_COMMAND_12
Y
0C
R Byte
VR12_VBOOT
Table 16. Supported commands (continued)
Command
Per
rail
Code
[Hex]
Mode
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com