Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6788ATR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6788ATR
Description  High current internal drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6788ATR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6788ATR Datasheet HTML 4Page - STMicroelectronics L6788ATR Datasheet HTML 5Page - STMicroelectronics L6788ATR Datasheet HTML 6Page - STMicroelectronics L6788ATR Datasheet HTML 7Page - STMicroelectronics L6788ATR Datasheet HTML 8Page - STMicroelectronics L6788ATR Datasheet HTML 9Page - STMicroelectronics L6788ATR Datasheet HTML 10Page - STMicroelectronics L6788ATR Datasheet HTML 11Page - STMicroelectronics L6788ATR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Pins description and connection diagram
L6788A
8/18
Doc ID 15341 Rev 2
26
MODE
Phase Number selection pin. The maximum voltage on mode pin has to be
limited to 3.6 V.
The voltage on MODE pin is used to select the number of phase used during
normal operation. The device has an internal resistor divider in order to have
1.7 V on MODE pin when it is left floating. See “phase number selection”
section for more details.
27
TCS
Temperature sense input pin.
Connecting the PTC network between 5 VCC and AGND in order to generate
on TCS pin a voltage proportional to the temperature.
The device reads the TCS pin voltage and compare it with two thresholds in
order to implements the warning and shutdown temperature action.
See “thermal monitoring” section for details.
28
5VCC
5 VCC pin. The pin output is 5 V voltage with a minimum of 20 mAdc.
The device supply the 5 VCC if VCC1_IC pin voltage is higher than 8 (typ).
Filter the 5 VCC pin with a capacitor (470 nFMIN - 2.2 µF MAX) versus PGND.
29
UGATE3
Channel 3 HS driver output. It must be connected to the HS3 MOSFET gate.
A small series resistors helps in reducing device-dissipated power.
30
BOOT3
Channel 3 HS driver supply. Connect through a capacitor (100 nF typ.) to
PHASE3
Needed external bootstrap diode.
The device implements Vin detections through this pin. see “vin detection”
section for details. A small resistor in series to the boot diode helps in reducing
Boot capacitor overcharge (see reference schematic).
31
PHASE3
Channel 3 HS driver return path. Connected to the HS3 MOSFET source and
provides return path for the HS driver of channel 3.
32
LGATE3
Channel 3 LS driver output. Driver can support 12 V bus voltage.
A small series resistor helps in reducing device-dissipated power.
33
VCC2_DR
LS driver supply. Driver can support 12 V bus voltage.
Connect to 12 V_BUS and filter with RC network.
(Suggested value: R = 2.2 /0805 size; C=2x1 µF MLCC capacitor vs. PGND).
34
UGATE2
Channel 2 HS driver output. It must be connected to the HS2 MOSFET gate.
A small series resistors helps in reducing device-dissipated power.
35
BOOT2
Channel 2 HS driver supply. Connect through a capacitor (100 nF typ.) to
PHASE2
Needed external bootstrap diode.
The device implements Vin detections through this pin. See “vin detection”
section for details. A small resistor in series to the boot diode helps in reducing
Boot capacitor overcharge (see Reference schematic).
36
PHASE2
Channel 2 HS driver return path. Connected to the HS2 MOSFET source and
provides return path for the HS driver of channel 2.
37
LGATE2
Channel 2 LS driver output. Driver can support 12 V bus voltage.
A small series resistor helps in reducing device-dissipated power.
Table 2.
Pin description (continued)
Pin n°
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com