Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6788ATR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6788ATR
Description  High current internal drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6788ATR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6788ATR Datasheet HTML 6Page - STMicroelectronics L6788ATR Datasheet HTML 7Page - STMicroelectronics L6788ATR Datasheet HTML 8Page - STMicroelectronics L6788ATR Datasheet HTML 9Page - STMicroelectronics L6788ATR Datasheet HTML 10Page - STMicroelectronics L6788ATR Datasheet HTML 11Page - STMicroelectronics L6788ATR Datasheet HTML 12Page - STMicroelectronics L6788ATR Datasheet HTML 13Page - STMicroelectronics L6788ATR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Maximum ratings
L6788A
10/18
Doc ID 15341 Rev 2
3
Maximum ratings
3.1
Thermal data
Table 3.
Thermal data
3.2
Absolute maximum ratings
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction to ambient
(Device soldered on 2s2p PC board)
35
°C / W
RthJC
Thermal resistance junction to case
1
°C / W
TMAX
Maximum junction temperature
150
°C
Tstg
Storage temperature range
-40 to 150
°C
TJ
Junction temperature range
0 to 125
°C
Symbol
Parameter
Value
Unit
VCC1_IC, VCC2_DR To PGNDx
15
V
VBOOTx-VPHASEx Boot voltage
15
V
VUGATEx-VPHASEx
15
V
LGATEx to PGND
-0.3 to
Vcc+0.3
V
5VCC to PGND
-0.3 to 7
V
SCL, SDA to PGND
-0.3 to 5.5
V
All other pins to PGND
-0.3 to 3.6
V
VPHASEx
Negative peak voltage to PGND; T < 400 ns
VCC1_IC = VCC2_DR = 12 V; VBOOTx = 8.5 V
-8
V
Positive peak voltage to PGND;
VCC1_IC = VCC2_DR = 15 V; VBOOTx = 41 V
26
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com