Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP8L Datasheet(PDF) 10 Page - STMicroelectronics

Part # LNBP8L
Description  500 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP8L Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LNBP8L Datasheet HTML 6Page - STMicroelectronics LNBP8L Datasheet HTML 7Page - STMicroelectronics LNBP8L Datasheet HTML 8Page - STMicroelectronics LNBP8L Datasheet HTML 9Page - STMicroelectronics LNBP8L Datasheet HTML 10Page - STMicroelectronics LNBP8L Datasheet HTML 11Page - STMicroelectronics LNBP8L Datasheet HTML 12Page - STMicroelectronics LNBP8L Datasheet HTML 13Page - STMicroelectronics LNBP8L Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Detailed description and application hints
LNBP8L - LNBP9L - LNBP10L - LNBP11L
10/21
protection. When an overload occurs the device limits the output current for the
time TON depending on the CEXT value (see Figure 24 and Figure 25). When TON
has elapsed, the output goes low for a time of TOFF = 12 x TON. This keeps the
power dissipated by the device low in overload conditions, and avoids the need for
an oversized heat sink in this condition. For the IPPAK package, when the
overload or the short-circuit occurs, the device clamps the output current in a
range between 550 mA and 850 mA.
7.
EXTM modulates the VOUT by means of a capacitor connected in series (see Figure 6).
The following equation is used to calculate the peak-to-peak voltage of VOUT:
VOUT(AC) = VEXTM(AC) x GEXTM
where VOUT(AC) and VEXTM(AC) are, respectively, the peak-to-peak voltage of VOUT and
VEXTM. GEXTM is the external modulation gain.
6.1
Input voltage protection
In some cases two or more receivers share the same coaxial cable, rendering their outputs
hard-paralleled, so the same voltage is present at the outputs of the receivers. If a receiver
is not disconnected at the mains, a current will flow from the OUTPUT to the VCC1 or VCC2
pins, depending the EN/VSEL pin setting. To avoid this, two diodes (only one for the IPPAK
package) in series are recommended at input pins VCC1 and VCC2 (see Figure 3). These
diodes do not cause a change at VOUT, but only a voltage drop, which can be minimized by
using Schottky diodes. Diodes used in Figure 4 and Figure 5 must withstand a continuous
current of almost 1 A and a breakdown voltage of 30 V (suggested type is 1N4001 or
BYV10-30). Be aware that the minimum voltage needed at the VCC pins must be respected,
considering the voltage drop across the input diodes).
Figure 6.
EXTM application circuit
VCC
EN/VSEL (Tristate)
OUTPUT
GND
EXTM
D1
1N4001
Vextm
23V
LNBP8/9L
C2
220nF
C1
10µF
LNB OUTPUT
C3
100nF
D2
1N5818
C4
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com