Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP10L Datasheet(PDF) 7 Page - STMicroelectronics

Part # LNBP10L
Description  500 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP10L Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LNBP10L Datasheet HTML 3Page - STMicroelectronics LNBP10L Datasheet HTML 4Page - STMicroelectronics LNBP10L Datasheet HTML 5Page - STMicroelectronics LNBP10L Datasheet HTML 6Page - STMicroelectronics LNBP10L Datasheet HTML 7Page - STMicroelectronics LNBP10L Datasheet HTML 8Page - STMicroelectronics LNBP10L Datasheet HTML 9Page - STMicroelectronics LNBP10L Datasheet HTML 10Page - STMicroelectronics LNBP10L Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LNBP8L - LNBP9L - LNBP10L - LNBP11L
Electrical characteristics
7/21
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IILT
3-state control pin input
current LOW
VILT = 0 V, EN/VSEL
+180
µA
VIL
Control input logic LOW
TEN, LLC
0.8
V
VIH
Control input logic HIGH
TEN, LLC
2.5
V
IIH
Control pins input current
VIH = 5 V, TEN, LLC
20
µA
ICC
Supply current
Output disabled EN/VSEL=High
impedance (floating)
1.7
2.4
mA
Output enabled EN/VSEL=HIGH,
TEN=HIGH, IOUT = 500 mA
3.7
6.3
mA
TOFF
Dynamic overload
protection OFF time
Output shorted, CEXT = 4.7 µF
(2)
1000
ms
TON
Dynamic overload
protection ON time
Output shorted, CEXT = 4.7 µF
(2)
TOFF
/12
ms
IOBK
Output backward current
Output forced to 21 V
6
mA
TSHDN
Thermal shutdown
threshold
165
°C
ΔTSHDN
Thermal shutdown
hysteresis
25
°C
1.
For IPPAK package VCC1 and VCC2 are internally connected to the pin 1 (VCC) to be supplied in the range from 22 V up to
25 V
2.
Only DFN package
3.
Guaranteed by design
Table 5.
Electrical characteristics (continued)
Refer to the typical application circuits in Figure 3 and Figure 4, VCC1 = 16 V, VCC2 = 23 V
(1), EN/VSEL =
LOW, TEN = LLC = LOW, EXTM = FLOATING, IOUT = 50 mA, TJ = 0 °C to 85 °C, unless otherwise stated.
Typical values are referred to TJ = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com