Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP10L Datasheet(PDF) 4 Page - STMicroelectronics

Part # LNBP10L
Description  500 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP10L Datasheet(HTML) 4 Page - STMicroelectronics

  LNBP10L Datasheet HTML 1Page - STMicroelectronics LNBP10L Datasheet HTML 2Page - STMicroelectronics LNBP10L Datasheet HTML 3Page - STMicroelectronics LNBP10L Datasheet HTML 4Page - STMicroelectronics LNBP10L Datasheet HTML 5Page - STMicroelectronics LNBP10L Datasheet HTML 6Page - STMicroelectronics LNBP10L Datasheet HTML 7Page - STMicroelectronics LNBP10L Datasheet HTML 8Page - STMicroelectronics LNBP10L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Pin configuration
LNBP8L - LNBP9L - LNBP10L - LNBP11L
4/21
2
Pin configuration
Figure 2.
Pin connections (top view for IPPAK, bottom view for DFN8)
DFN8 (5x6 mm)
IPPAK
Table 1.
Pin description
Pin n° (DFN)
LNBP10/11L
Pin n°
(IPPAK)
LNBP8/9L
Name
Pin function
1-
VCC1
(not available for
IPPAK)
Supply input 1: 15 V to 25 V supply. For DFN package it is
automatically selected when VOUT = 13 V. For IPPAK package
VCC1 and VCC2 are internally connected together to pin 1 to be
supplied at 22 V min.
21
VCC2
(VCC pin for
IPPAK)
Supply input 2: 22 V to 25 V supply. For DFN package it is
automatically selected when VOUT = 18 V. For IPPAK package
VCC1 and VCC2 are internally connected together to the pin 1 to be
supplied at 22 V min.
32
OUTPUT
Output: regulator output. It is 13 V typ when EN/VSEL LOW and
18 V typ when EN/VSEL HIGH.
4, ePAD
3, ePAD
GROUND
GROUND
64
EN/VSEL
Enable and output voltage selection 3-state pin: logic control
input 3-state pin for the remote controlling of the LNB; if LOW
VOUT = 13 V, when HIGH VOUT = 18 V, if left at high impedance the
IC is set in shut down mode (VOUT = 0 V)
55
EXTM/TEN
Tone enable (LNBP9-11): logic control input to enable internal
tone generator.
External modulation (LNBP8-10): Needs DC decoupling to the
AC source. If not used can be left floating.
8
NA
LLC
LLC: logic control input to add 1 V typ.
7NA
CEXT
CEXT: timing capacitor used by the dynamic overload protection.
Typical application is 4.7 µF for a 1100 ms cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com