Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL54x Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPC56EL54x
Description  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL54x Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPC56EL54x Datasheet HTML 25Page - STMicroelectronics SPC56EL54x Datasheet HTML 26Page - STMicroelectronics SPC56EL54x Datasheet HTML 27Page - STMicroelectronics SPC56EL54x Datasheet HTML 28Page - STMicroelectronics SPC56EL54x Datasheet HTML 29Page - STMicroelectronics SPC56EL54x Datasheet HTML 30Page - STMicroelectronics SPC56EL54x Datasheet HTML 31Page - STMicroelectronics SPC56EL54x Datasheet HTML 32Page - STMicroelectronics SPC56EL54x Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 165 page
background image
DocID15457 Rev 12
29/165
SPC56ELx, SPC564Lx
Introduction
164
1.5.33
Analog-to-Digital Converter module (ADC)
The ADC module features include:
Analog part:
2 on-chip ADCs
–
12-bit resolution SAR architecture
–
Same digital interface as in the SPC560P family
–
A/D Channels: 9 external, 3 internal and 4 shared with other A/D (total 16
channels)
–
One channel dedicated to each T-sensor to enable temperature reading during
application
–
Separated reference for each ADC
–
Shared analog supply voltage for both ADCs
–
One sample and hold unit per ADC
–
Adjustable sampling and conversion time
Digital part:
4 analog watchdogs comparing ADC results against predefined levels (low, high,
range) before results are stored in the appropriate ADC result location
2 modes of operation: CPU Mode or CTU Mode
CPU mode features
–
Register based interface with the CPU: one result register per channel
–
ADC state machine managing three request flows: regular command, hardware
injected command, software injected command
–
Selectable priority between software and hardware injected commands
–
4 analog watchdogs comparing ADC results against predefined levels (low, high,
range)
–DMA compatible interface
CTU mode features
–
Triggered mode only
–
4 independent result queues (1
16 entries, 28 entries, 14 entries)
–
Result alignment circuitry (left justified; right justified)
–
32-bit read mode allows to have channel ID on one of the 16-bit parts
–DMA compatible interfaces
Built-in self-test features triggered by software
1.5.34
Cross Triggering Unit (CTU)
The ADC cross triggering unit allows automatic generation of ADC conversion requests on
user selected conditions without CPU load during the PWM period and with minimized CPU
load for dynamic configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com