Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P40L1 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPC560P40L1
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P40L1 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPC560P40L1 Datasheet HTML 14Page - STMicroelectronics SPC560P40L1 Datasheet HTML 15Page - STMicroelectronics SPC560P40L1 Datasheet HTML 16Page - STMicroelectronics SPC560P40L1 Datasheet HTML 17Page - STMicroelectronics SPC560P40L1 Datasheet HTML 18Page - STMicroelectronics SPC560P40L1 Datasheet HTML 19Page - STMicroelectronics SPC560P40L1 Datasheet HTML 20Page - STMicroelectronics SPC560P40L1 Datasheet HTML 21Page - STMicroelectronics SPC560P40L1 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 103 page
background image
Introduction
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
18/103
Doc ID 16100 Rev 7
The RC oscillator provides these features:
●
Nominal frequency 16 MHz
●
±5% variation over voltage and temperature after process trim
●
Clock output of the RC oscillator serves as system clock source in case loss of lock or
loss of clock is detected by the PLL
●
RC oscillator is used as the default system clock during startup
1.5.12
Periodic interrupt timer (PIT)
The PIT module implements these features:
●
4 general-purpose interrupt timers
●
32-bit counter resolution
●
Clocked by system clock frequency
●
Each channel usable as trigger for a DMA request
1.5.13
System timer module (STM)
The STM implements these features:
●
One 32-bit up counter with 8-bit prescaler
●
Four 32-bit compare channels
●
Independent interrupt source for each channel
●
Counter can be stopped in debug mode
1.5.14
Software watchdog timer (SWT)
The SWT has the following features:
●
32-bit time-out register to set the time-out period
●
Programmable selection of window mode or regular servicing
●
Programmable selection of reset or interrupt on an initial time-out
●
Master access protection
●
Hard and soft configuration lock bits
●
Reset configuration inputs allow timer to be enabled out of reset
1.5.15
Fault collection unit (FCU)
The FCU provides an independent fault reporting mechanism even if the CPU is
malfunctioning.
The FCU module has the following features:
●
FCU status register reporting the device status
●
Continuous monitoring of critical fault signals
●
User selection of critical signals from different fault sources inside the device
●
Critical fault events trigger 2 external pins (user selected signal protocol) that can be
used externally to reset the device and/or other circuitry (for example, a safety relay)
●
Faults are latched into a register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com