Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P40L1 Datasheet(PDF) 35 Page - STMicroelectronics

Part # SPC560P40L1
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P40L1 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button SPC560P40L1 Datasheet HTML 31Page - STMicroelectronics SPC560P40L1 Datasheet HTML 32Page - STMicroelectronics SPC560P40L1 Datasheet HTML 33Page - STMicroelectronics SPC560P40L1 Datasheet HTML 34Page - STMicroelectronics SPC560P40L1 Datasheet HTML 35Page - STMicroelectronics SPC560P40L1 Datasheet HTML 36Page - STMicroelectronics SPC560P40L1 Datasheet HTML 37Page - STMicroelectronics SPC560P40L1 Datasheet HTML 38Page - STMicroelectronics SPC560P40L1 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 103 page
background image
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3 Package pinouts and signal descrip-
Doc ID 16100 Rev 7
35/103
2.2.3
Pin multiplexing
Table 7 defines the pin list and muxing for the SPC560P34/SPC560P40 devices.
Each row of Table 7 shows all the possible ways of configuring each pin, via alternate
functions. The default function assigned to each pin after reset is the ALT0 function.
SPC560P34/SPC560P40 devices provide three main I/O pad types, depending on the
associated functions:
●
Slow pads are the most common, providing a compromise between transition time and
low electromagnetic emission.
●
Medium pads provide fast enough transition for serial communication channels with
controlled current to reduce electromagnetic emission.
●
Fast pads provide maximum speed. They are used for improved NEXUS debugging
capability.
Medium and Fast pads can use slow configuration to reduce electromagnetic emission, at
the cost of reducing AC performance. For more information, see “Pad AC Specifications” in
the device datasheet.
Table 7.
Pin muxing
Port
pin
PCR
register
Alternate
function(1),(2)
Functions
Peripheral(3)
I/O
direc-
tion(4)
Pad speed(5)
Pin
SRC = 0 SRC = 1 64-pin 100-pin
Port A (16-bit)
A[0]
PCR[0]
ALT0
ALT1
ALT2
ALT3
—
GPIO[0]
ETC[0]
SCK
F[0]
EIRQ[0]
SIUL
eTimer_0
DSPI_2
FCU_0
SIUL
I/O
I/O
I/O
O
I
Slow
Medium
—
51
A[1]
PCR[1]
ALT0
ALT1
ALT2
ALT3
—
GPIO[1]
ETC[1]
SOUT
F[1]
EIRQ[1]
SIUL
eTimer_0
DSPI_2
FCU_0
SIUL
I/O
I/O
O
O
I
Slow
Medium
—
52
A[2]
PCR[2]
ALT0
ALT1
ALT2
ALT3
—
—
—
GPIO[2]
ETC[2]
—
A[3]
SIN
ABS[0]
EIRQ[2]
SIUL
eTimer_0
—
FlexPWM_0
DSPI_2
MC_RGM
SIUL
I/O
I/O
—
O
I
I
I
Slow
Medium
—
57
A[3]
PCR[3]
ALT0
ALT1
ALT2
ALT3
—
—
GPIO[3]
ETC[3]
CS0
B[3]
ABS[1]
EIRQ[3]
SIUL
eTimer_0
DSPI_2
FlexPWM_0
MC_RGM
SIUL
I/O
I/O
I/O
O
I
I
Slow
Medium
41
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com