Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P44L5 Datasheet(PDF) 68 Page - STMicroelectronics

Part # SPC560P44L5
Description  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P44L5 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button SPC560P44L5 Datasheet HTML 64Page - STMicroelectronics SPC560P44L5 Datasheet HTML 65Page - STMicroelectronics SPC560P44L5 Datasheet HTML 66Page - STMicroelectronics SPC560P44L5 Datasheet HTML 67Page - STMicroelectronics SPC560P44L5 Datasheet HTML 68Page - STMicroelectronics SPC560P44L5 Datasheet HTML 69Page - STMicroelectronics SPC560P44L5 Datasheet HTML 70Page - STMicroelectronics SPC560P44L5 Datasheet HTML 71Page - STMicroelectronics SPC560P44L5 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 112 page
background image
Electrical characteristics
SPC560P44Lx, SPC560P50Lx
68/112
Doc ID 14723 Rev 9
VIH
P
High level input voltage
—0.65 VDD_HV_IOx
—V
D—
—
VDD_HV_IOx +0.1
(2)
V
VHYS
T Schmitt trigger hysteresis
—
0.1 VDD_HV_IOx
—V
VOL_S
P Slow, low level output voltage
IOL = 1.5 mA
—
0.5
V
VOH_S
P Slow, high level output voltage
IOH =–1.5 mA
VDD_HV_IOx –0.8
—
V
VOL_M
P Medium, low level output voltage
IOL =2 mA
—
0.5
V
VOH_M P Medium, high level output voltage
IOH =–2 mA
VDD_HV_IOx –0.8
—
V
VOL_F
P Fast, low level output voltage
IOL = 1.5 mA
—
0.5
V
VOH_F
P Fast, high level output voltage
IOH =–1.5 mA
VDD_HV_IOx –0.8
—
V
VOL_SYM P Symmetric, low level output voltage
IOL = 1.5 mA
—
0.5
V
VOH_SYM P Symmetric, high level output voltage
IOH =–1.5 mA
VDD_HV_IOx –0.8
—
V
IPU
P Equivalent pull-up current
VIN =VIL
–130
—
µA
VIN =VIH
—
–10
IPD
P Equivalent pull-down current
VIN =VIL
10
—
µA
VIN =VIH
—
130
IIL
P
Input leakage current (all
bidirectional ports)
TA = –40 to 125 °C
—
1
µA
IIL
P
Input leakage current (all ADC input-
only ports)
TA = –40 to 125 °C
—
0.5
µA
CIN
D Input capacitance
—
—
10
pF
IPU
D RESET, equivalent pull-up current
VIN =VIL
–130
—
µA
VIN =VIH
—
–10
1.
These specifications are design targets and subject to change per device characterization.
2.
“SR” parameter values must not exceed the absolute maximum ratings shown in Table 9.
Table 23.
DC electrical characteristics (3.3 V, NVUSRO[PAD3V5V] = 1)(1) (continued)
Symbol C
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com