Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P44L5 Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPC560P44L5
Description  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P44L5 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPC560P44L5 Datasheet HTML 20Page - STMicroelectronics SPC560P44L5 Datasheet HTML 21Page - STMicroelectronics SPC560P44L5 Datasheet HTML 22Page - STMicroelectronics SPC560P44L5 Datasheet HTML 23Page - STMicroelectronics SPC560P44L5 Datasheet HTML 24Page - STMicroelectronics SPC560P44L5 Datasheet HTML 25Page - STMicroelectronics SPC560P44L5 Datasheet HTML 26Page - STMicroelectronics SPC560P44L5 Datasheet HTML 27Page - STMicroelectronics SPC560P44L5 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 112 page
background image
Introduction
SPC560P44Lx, SPC560P50Lx
24/112
Doc ID 14723 Rev 9
The FlexPWM block implements the following features:
●
16-bit resolution for center, edge-aligned, and asymmetrical PWMs
●
Maximum operating clock frequency of 120 MHz
●
PWM outputs can operate as complementary pairs or independent channels
●
Can accept signed numbers for PWM generation
●
Independent control of both edges of each PWM output
●
Synchronization to external hardware or other PWM supported
●
Double buffered PWM registers
–
Integral reload rates from 1 to 16
–
Half cycle reload capability
●
Multiple ADC trigger events can be generated per PWM cycle via hardware
●
Write protection for critical registers
●
Fault inputs can be assigned to control multiple PWM outputs
●
Programmable filters for fault inputs
●
Independently programmable PWM output polarity
●
Independent top and bottom deadtime insertion
●
Each complementary pair can operate with its own PWM frequency and deadtime
values
●
Individual software-control for each PWM output
●
All outputs can be programmed to change simultaneously via a “Force Out” event
●
PWMX pin can optionally output a third PWM signal from each submodule
●
Channels not used for PWM generation can be used for buffered output compare
functions
●
Channels not used for PWM generation can be used for input capture functions
●
Enhanced dual-edge capture functionality
●
eDMA support with automatic reload
●
2 fault inputs
●
Capture capability for PWMA, PWMB, and PWMX channels not supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com