Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LQFP100
Description  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 1 Page - STMicroelectronics

  LQFP100 Datasheet HTML 1Page - STMicroelectronics LQFP100 Datasheet HTML 2Page - STMicroelectronics LQFP100 Datasheet HTML 3Page - STMicroelectronics LQFP100 Datasheet HTML 4Page - STMicroelectronics LQFP100 Datasheet HTML 5Page - STMicroelectronics LQFP100 Datasheet HTML 6Page - STMicroelectronics LQFP100 Datasheet HTML 7Page - STMicroelectronics LQFP100 Datasheet HTML 8Page - STMicroelectronics LQFP100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
This is information on a product in full production.
September 2013
Doc ID 14723 Rev 9
1/112
1
SPC560P44L3, SPC560P44L5
SPC560P50L3, SPC560P50L5
32-bit Power Architecture® based MCU with 576 KB Flash memory
and 40 KB SRAM for automotive chassis and safety applications
Datasheet
− production data
Features
■
64 MHz, single issue, 32-bit CPU core complex
(e200z0h)
– Compliant with Power Architecture®
embedded category
– Variable Length Encoding (VLE)
■
Memory organization
– Up to 512 KB on-chip code flash memory
with ECC and erase/program controller
– Additional 64 (4 × 16) KB on-chip data flash
memory with ECC for EEPROM emulation
– Up to 40 KB on-chip SRAM with ECC
■
Fail safe protection
– Programmable watchdog timer
– Non-maskable interrupt
– Fault collection unit
■
Nexus L2+ interface
■
Interrupts
– 16-channel eDMA controller
– 16 priority level controller
■
General purpose I/Os individually
programmable as input, output or special
function
■
2 general purpose eTimer units
– 6 timers each with up/down count
capabilities
– 16-bit resolution, cascadable counters
– Quadrature decode with rotation direction
flag
– Double buffer input capture and output
compare
■
Communications interfaces
– 2 LINFlex channels (LIN 2.1)
– 4 DSPI channels with automatic chip select
generation
– 1 FlexCAN interface (2.0B Active) with 32
message objects
– 1 safety port based on FlexCAN with 32
message objects and up to 7.5 Mbit/s
capability; usable as second CAN when not
used as safety port
– 1 FlexRay™ module (V2.1) with selectable
dual or single channel support, 32
message objects and up to 10 Mbit/s
(512 KB device only)
■
Two 10-bit analog-to-digital converters (ADC)
– 2 × 11 input channels, + 4 shared channels
– Conversion time < 1 µs including sampling
time at full precision
– Programmable ADC Cross Triggering Unit
(CTU)
– 4 analog watchdogs with interrupt
capability
■
On-chip CAN/UART bootstrap loader with Boot
Assist Module (BAM)
■
1 FlexPWM unit: 8 complementary or
independent outputs with ADC synchronization
signals
Table 1.
Device summary
Package
Part number
448 KB Flash
576 KB Flash
LQFP144 SPC560P44L5
SPC560P50L5
LQFP100 SPC560P44L3
SPC560P50L3
LQFP100 (14 x 14 x 1.4 mm)
LQFP144 (20 x 20 x 1.4 mm)
www.st.com


Similar Part No. - LQFP100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LQFP100 STMICROELECTRONICS-LQFP100 Datasheet
4Mb / 429P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
16-Nov-2006
logo
List of Unclassifed Man...
LQFP100 ETC2-LQFP100 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
STMicroelectronics
LQFP100 STMICROELECTRONICS-LQFP100 Datasheet
1Mb / 98P
High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
17-Sep-2012
logo
NXP Semiconductors
LQFP100 NXP-LQFP100 Datasheet
405Kb / 69P
Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LQFP100 NXP-LQFP100 Datasheet
405Kb / 69P
Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
More results

Similar Description - LQFP100

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6808B ATMEL-U6808B Datasheet
173Kb / 12P
Special Fail-safe IC
U6808B ATMEL-U6808B_05 Datasheet
266Kb / 14P
Specia Fail-safe IC
logo
STMicroelectronics
SN75276 STMICROELECTRONICS-SN75276 Datasheet
303Kb / 16P
FAIL-SAFE DIFFERENTIAL BUS TRANSCEIVER
30-Mar-2005
logo
NXP Semiconductors
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
LIN fail-safe system basis chip
Rev. 03-10 September 2007
logo
IC-Haus GmbH
IC-NZ ICHAUS-IC-NZ Datasheet
518Kb / 20P
FAIL-SAFE LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
NZQFN28 ROITHNER-NZQFN28 Datasheet
518Kb / 20P
FAIL-SAFE LASER DIODE DRIVER
logo
STMicroelectronics
AN1690 STMICROELECTRONICS-AN1690 Datasheet
275Kb / 15P
Fail-safe biasing for ST485EB
02-Oct-2007
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11136 AVAGO-ALM-11136_15 Datasheet
414Kb / 12P
Fail-Safe Bypass Feature
logo
Unisonic Technologies
UTRS485 UTC-UTRS485 Datasheet
236Kb / 8P
FAIL-SAFE, 2.5MBPS RS-485 TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX20446EVKIT MAXIM-MAX20446EVKIT Datasheet
112Kb / 2P
Demonstrates Fail-Safe Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com