Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80B4 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 9Page - STMicroelectronics SPC564A80B4 Datasheet HTML 10Page - STMicroelectronics SPC564A80B4 Datasheet HTML 11Page - STMicroelectronics SPC564A80B4 Datasheet HTML 12Page - STMicroelectronics SPC564A80B4 Datasheet HTML 13Page - STMicroelectronics SPC564A80B4 Datasheet HTML 14Page - STMicroelectronics SPC564A80B4 Datasheet HTML 15Page - STMicroelectronics SPC564A80B4 Datasheet HTML 16Page - STMicroelectronics SPC564A80B4 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Introduction
Doc ID 15399 Rev 9
13/157
1.5
Feature details
1.5.1
e200z4 core
SPC564A80 devices have a high performance e200z448n3 core processor:
●
Dual issue, 32-bit Power Architecture embedded category CPU
●
Variable Length Encoding Enhancements
●
8 KB instruction cache: 2- or 4- way set associative instruction cache
●
Thirty-two 64-bit general purpose registers (GPRs)
●
Memory management unit (MMU) with 24-entry fully-associative translation look-aside
buffer (TLB)
●
Harvard Architecture: Separate instruction bus and load/store bus
●
Vectored interrupt support
●
Non-maskable interrupt input
●
Critical Interrupt input
●
New ‘Wait for Interrupt’ instruction, to be used with new low power modes
●
Reservation instructions for implementing read-modify-write accesses
●
Signal processing extension (SPE) APU
●
Single Precision Floating point (scalar and vector)
●
Nexus Class 3+ debug
●
Process ID manipulation for the MMU using an external tool
1.5.2
Crossbar Switch (XBAR)
The XBAR multiport crossbar switch supports simultaneous connections between five
master ports and four slave ports. The crossbar supports a 32-bit address bus width and a
64-bit data bus width.
The crossbar allows three concurrent transactions to occur from the master ports to any
slave port but each master must access a different slave. If a slave port is simultaneously
requested by more than one master port, arbitration logic selects the higher priority master
and grants it ownership of the slave port. All other masters requesting that slave port are
stalled until the higher priority master completes its transactions. Requesting masters are
treated with equal priority and are granted access to a slave port in round-robin fashion,
based upon the ID of the last master to be granted access. The crossbar provides the
following features:
●
5 master ports
–
CPU instruction bus
–
CPU data bus
–eDMA
–FlexRay
–
External Bus Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com