Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80B4 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 19Page - STMicroelectronics SPC564A80B4 Datasheet HTML 20Page - STMicroelectronics SPC564A80B4 Datasheet HTML 21Page - STMicroelectronics SPC564A80B4 Datasheet HTML 22Page - STMicroelectronics SPC564A80B4 Datasheet HTML 23Page - STMicroelectronics SPC564A80B4 Datasheet HTML 24Page - STMicroelectronics SPC564A80B4 Datasheet HTML 25Page - STMicroelectronics SPC564A80B4 Datasheet HTML 26Page - STMicroelectronics SPC564A80B4 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Introduction
Doc ID 15399 Rev 9
23/157
–
Saturated or non-saturated modes
–
Programmable Rounding (Convergent; Two’s Complement; Truncated)
–
Prefill mode to precondition the filter before the sample window opens
–
Supports Multiple Cascading Decimation Filters to implement more complex filter
designs
–
Optional Absolute Integrators on the output of Decimation Filters
●
Full duplex synchronous serial interface to an external device
–
Free-running clock for use by an external device
–
Supports a 26-bit message length
●
Priority based queues
–
Supports six queues with fixed priority. When commands of distinct queues are
bound for the same ADC, the higher priority queue is always served first
–
Queue_0 can bypass all prioritization, buffering and abort current conversions to
start a Queue_0 conversion a deterministic time after the queue trigger
–
Supports software and hardware trigger modes to arm a particular queue
–
Generates interrupt when command coherency is not achieved
●
External hardware triggers
–
Supports rising edge, falling edge, high level and low level triggers
–
Supports configurable digital filter
1.5.14
DSPI
The deserial serial peripheral interface (DSPI) block provides a synchronous serial interface
for communication between the SPC564A80 MCU and external devices. The DSPI supports
pin count reduction through serialization and deserialization of eTPU and eMIOS channels
and memory-mapped registers. The channels and register content are transmitted using a
SPI-like protocol. This SPI-like protocol is completely configurable for baud rate, polarity and
phase, frame length, chip select assertion, etc. Each bit in the frame may be configured to
serialize either eTPU channels, eMIOS channels or GPIO signals. The DSPI can be
configured to serialize data to an external device that implements the Microsecond Bus
protocol. There are three identical DSPI blocks on the SPC564A80 MCU. The DSPI pins
support 5 V logic levels or Low Voltage Differential Signalling (LVDS) to improve high speed
operation.
DSPI module features include:
●
Selectable LVDS pads working at 40 MHZ for SOUT and SCK pins for DSPI_B and
DSPI_C
●
3 sources of serialized data: eTPU_A, eMIOS output channels and memory-mapped
register in the DSPI
●
4 destinations for deserialized data: eTPU_A and eMIOS input channels, SIU external
Interrupt input request, memory-mapped register in the DSPI
●
32-bit DSI and TSB modes require 32 PCR registers, 32 GPO and GPI registers in the
SIU to select either GPIO, eTPU or eMIOS bits for serialization
●
The DSPI Module can generate and check parity in a serial frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com