Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X554UN Datasheet(PDF) 2 Page - NEC

Part # X554UN
Description  NEC LCD 55 Large Format Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

X554UN Datasheet(HTML) 2 Page - NEC

  X554UN Datasheet HTML 1Page - NEC X554UN Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Name:
Document Revision:
Document Date:
NEC MultiSync® X554UN
Version 1
May 2014
__________________________________________________________________________________________________________
For more information, visit www.nec.com.au
email contactus@nec.com.au
or call 131 632
NEC MultiSync® X554UN
1. Power (AC in)
2. Main switch (on/off)
3. Speaker connectors
4. Audio out
5. USB port for service (firmware upgrades)
6. LAN daisy chain with SNMP (LAN switch and LAN / RS232 /
remote loop through)
7. 2x Audio in
8. RS232 in
9. Remote in for external human / ambient sensor
10. VGA + Component input
11. DP 1.2 loop through
12. HDMI 1.4a
13. DVI-D
SPECIAL CHARACTERISTICS
Auto ID assignment, Auto tiling function, Automatic Alarm E-Mails,
Frame Comp, HTTP Server, Image flip, Intelligent Wireless Data
(based on NFC), NaViSet Administrator 2, Point Zoom Function,
Programmable 10-bit LUT with 3 memory banks, Sticky Note
Function in OSD, Super slim bezel with 5.7 mm between contents
and 5.5 mm bezel width, TileMatrix, User readable log function
Energy Efficiency
Human Sensor; Carbon savings meter;
ECOMode
Ecological Materials
Optional feet; Manuals on CD
Ecological Standards
EnergyStar 6.0
Technical Specification NEC MultiSync® X554UN
DISPLAY
Panel Technology
S-PVA TFT with direct white LED backlights
Active Screen Area (W x H) [mm]
1,209.8 x 680.6
Screen Size [inch/cm]
55 / 138.8
Aspect Ratio
16:9
Brightness (shipping) [cd/m2]
500, (700 max)
Contrast Ratio (typ.)
3500:1
Viewing Angle [°]
178 horizontal / 178 vertical (typ. at contrast ratio 10:1)
Response Time (typ.) [ms]
8
Panel Refresh Rate [Hz]
60
SYNCHRONISATION RATE
Horizontal Frequency [kHz]
31.5 - 91.1
Vertical Frequency [Hz]
50 - 85
RESOLUTION
Native Resolution
1920 x 1080 at 60 Hz
Supported on DisplayPort and HDMI
1024 x 768; 1080i; 1080p; 1280 x 1024; 1280 x 768; 1360 x 768; 1600 x 1200;
1920 x 1080; 3840 x 2160 (24/30 Hz); 480p (60 Hz); 576p (50 Hz); 640 x 480;
720p (50/60 Hz); 800 x 600
Supported on HDMI only
1360 x 768; 3840 x 2160 (25 Hz); 4096 x 2160 (24 Hz); 480i (60 Hz); 576i (50 Hz)
CONNECTIVITY
Input Video Analogue
1 x D-sub 15 pin
Input Video Digital
1 x DVI-D (with HDCP); 1 x HDMI (with HDCP); 1 x Interface Extension Slot; 1 x
OPS Slot; 1 x DisplayPort (with HDCP)
Input Audio Analogue
2 x 3,5 mm jack
Input Audio Digital
1 x DisplayPort; 1 x HDMI
Input Control
LAN 100Mbit; remote control wire (3,5mm jack); RS232
Output Video Digital
1 x DisplayPort; 1 x DVI-D; 1 x HDMI; 1 x Interface Extension Slot; 1 x OPS; 1 x
through DisplayPort out
Output Audio Analogue
3,5mm jack
Output Control
LAN 100Mbit
Remote Control
RS-232C (9-pin D-sub) Input; LAN with SNMP; Remote Control IR (internal/
external (optional) sensor)
INTERFACE EXTENSION SLOT
Slot Technology
analogue and digital interface extension (NEC standard)
OPS OPTION SLOT
Slot Technology
Open pluggable specification (NEC / Intel OPS standard)
Inrush Current [A]
max. 10
Power Consumption [W]
max. 61
Voltage / Current [V/A]
16/4
SENSORS
Ambient Light Sensor
Optional, triggered actions programmable
Human Sensor
Optional, external, 4-5m range, triggered actions programmable
Temperature Sensor
Integrated, 3 sensors, triggered actions programmable
NFC Sensor
Integrated, 2cm range, free NEC Android App required
ELECTRICAL
Power Consumption on Mode [W]
150; 310 (max.)
Power Savings Mode [W]
< 0.5 (ECO Standby); < 1
Power Management
VESA DPMS
ENVIRONMENTAL CONDITIONS
Operating Temperature [°C]
+0 to +40
Operating Humidity [%]
20 to 80
MECHANICAL
Dimensions (W x H x D) [mm]
Without stand: 1,215.3 x 686.1 x 99.6
Weight [kg]
Without stand: 29.2
Bezel Width [mm]
1.8 bottom/right; 3.7 top/left; 5.5; Content to content 5.7
VESA Mounting [mm]
400 x 400 (FDMI); 4 holes; M6
AVAILABLE OPTIONS
Accessories
Calibration kit ((LCD-CALKIT)
Feet (ST-5220); Overframe kit (KT-55UN-OF); Remote control kit (KT-RC, KT-RC2);
Speaker (SP-RM1); Wall mount (LSMVU, WM-55UN-L2, WM-55-P)
Interface Extension
SB3-AB1 analogue: Audio; Component; Composite; S-Video
SB3-AB2 analogue: Audio; RGBHV
SB3-DB1 digital: 1 x DisplayPort out; 1 x HDMI; 2 x DisplayPort
OPS
HD-SDI 1.5G / 3G; HDBaseT receiver; Intel® Atom, Celeron and Core i3, i5, i7 Slot-
in PCs; OPS Digital Signage Player; Wireless Display Media Player
ADDITIONAL FEATURES
Safety and Ergonomics
C-tick; CE; Energy Star 6.0; FCC Class B; PSB; TÜV GS; UL/C-UL or CSA; VCCI;
RoHS
Audio
Optional Speakers (15 W + 15 W)
Shipping Content
DisplayPort Cable; Display; Power Cable; Free LAN control software (download);
CD-ROM (User Guides/Manuals)
Signal Cable: LAN cable
Warranty
Add in Warranty 3 years conditional incl. backlight



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com