Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X554UN Datasheet(PDF) 1 Page - NEC

Part # X554UN
Description  NEC LCD 55 Large Format Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

X554UN Datasheet(HTML) 1 Page - NEC

  X554UN Datasheet HTML 1Page - NEC X554UN Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document is © copyright 2014 NEC Australia
All rights reserved in favour of their respective owners. All hardware and software names are brand names and/or registered trademarks of the respective manufacturers.
All specifications are subject to change without notice. Errors and omissions are expected. Please consult with your NEC representative.
NEC MultiSync® X554UN
Order Code: X554UN
NEC LCD 55" Large Format Display
The new ultra slim X554UN features a 5.7 mm bezel (content
to content) to create impressive high resolution videowalls
with barely visible bezels. New Connectivity and Sensors allow
additional creativity in the content displayed. The unique built-
in NFC sensor in combination with NEC’s new Android app
reduces installation and maintenance times, especially useful
on larger installations.
The perfect picture quality and high product reliability make
the X554UN an ideal solution for retail signage, control room
applications, transport installations and the rental market.
DELIVERING GENUINE BENEFITS
Future Ready with OPS Cable Free Expansion - Upgrade the
power of your display at any time without the need for external
cables or devices.
Reduced Installation and Operating Costs - featuring LED
backlight technology the display is highly energy efficient with
a low power consumption, longer backlight lifetime and a
lighter design for easy and flexible transportation, mounting
and integration.
DICOM support- for medical applications.
Native UHD Daisy Chaining through DisplayPort 1.2
Multistreaming - enables the user to create UHD videowalls
with either a single UHD image or 4 different Full HD sources.
Free DisplayNote Presenter Licence - present, share,
collaborate with multiple participants across multiple devices
Free Download of Multi-Display Management Software - with
NaViSet Administrator 2 you can manage all your connected
display devices from a centralised location.
OUTSTANDING PERFORMANCE
24 / 7 usage by using high quality grade panels to allow continuous use of the
videowall.
•
Auto Tile Matrix for a complete auto set up for videowalls. Save time and cost by
configuring one display in order to complete the set up for the entire wall.
•
Frame Comp supports a seamless appearance and shows the content without any
interruption, creating one stunning image by synchronising the content across the wall.
•
Unique NEC heat management enables the user to monitor and control the heat inside
the display with user controllable fans. Heat management is crucial for larger walls and
mission critical installations to secure reliability and longevity.
•
Factory calibration guarantees a very high level of uniformity, while user hardware
calibration with the optional calibration kit allows the user to achieve any contrast,
brightness and colour temperature desired.
•
Interface Extension. This slot offers unique flexibility for additional connections with
the choice of adding a single digital or two analogue boards.
•
Intelligent Wireless Data. The built-in near field communication (NFC) chip allows data
to be read and written via a mobile phone or tablet PC. Users can reduce installation
costs significantly as displays can be easily configured and serviced using the NEC NFC
Android app.
•
(limited availability).


Similar Part No. - X554UN

ManufacturerPart #DatasheetDescription
logo
NEC
X554UNS NEC-X554UNS Datasheet
919Kb / 2P
NEC LCD 55 Specialty Large Format Display
More results

Similar Description - X554UN

ManufacturerPart #DatasheetDescription
logo
NEC
E654 NEC-E654 Datasheet
401Kb / 2P
NEC LCD 65 Large Format Display
P403 NEC-P403 Datasheet
833Kb / 2P
NEC LCD 40 Large Format Display
P553 NEC-P553 Datasheet
817Kb / 2P
NEC LCD 55 Large Format Display
P553-MT NEC-P553-MT Datasheet
639Kb / 2P
NEC LCD 55 Large Format Touch Screen
P703 NEC-P703 Datasheet
818Kb / 2P
NEC LCD 70 Large Format Display
P801 NEC-P801 Datasheet
830Kb / 2P
NEC LCD 80 Large Format Display
V552 NEC-V552 Datasheet
843Kb / 2P
NEC LCD 55 Large Format Display
X552S NEC-X552S Datasheet
765Kb / 2P
NEC LCD 55 Large Format Display
X554UNS NEC-X554UNS Datasheet
919Kb / 2P
NEC LCD 55 Specialty Large Format Display
X555UNV NEC-X555UNV Datasheet
913Kb / 2P
NEC LCD 55" Specialty Large Format Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com