Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56ECxx Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 9Page - STMicroelectronics SPC56ECxx Datasheet HTML 10Page - STMicroelectronics SPC56ECxx Datasheet HTML 11Page - STMicroelectronics SPC56ECxx Datasheet HTML 12Page - STMicroelectronics SPC56ECxx Datasheet HTML 13Page - STMicroelectronics SPC56ECxx Datasheet HTML 14Page - STMicroelectronics SPC56ECxx Datasheet HTML 15Page - STMicroelectronics SPC56ECxx Datasheet HTML 16Page - STMicroelectronics SPC56ECxx Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 123 page
background image
DocID17478 Rev 9
13/123
SPC564Bxx-SPC56ECxx
Introduction
122
Table 3 summarizes the functions of the blocks present on the SPC564Bxx and
SPC56ECxx.
Table 3. SPC564Bxx and SPC56ECxx series block summary
Block
Function
Analog-to-digital converter (ADC) Converts analog voltages to digital values
Boot assist module (BAM)
A block of read-only memory containing VLE code which is executed according
to the boot mode of the device
Clock monitor unit (CMU)
Monitors clock source (internal and external) integrity
Cross triggering unit (CTU)
Enables synchronization of ADC conversions with a timer event from the
eMIOS or from the PIT
Cryptographic Security Engine
(CSE)
Supports the encoding and decoding of any kind of data
Crossbar (XBAR) switch
Supports simultaneous connections between two master ports and three slave
ports. The crossbar supports a 32-bit address bus width and a 64-bit data bus
width
DMA Channel Multiplexer
(DMAMUX)
Allows to route DMA sources (called slots) to DMA channels
Deserial serial peripheral
interface (DSPI)
Provides a synchronous serial interface for communication with external
devices
Error Correction Status Module
(ECSM)
Provides a myriad of miscellaneous control functions for the device including
program-visible information about configuration and revision levels, a reset
status register, wakeup control for exiting sleep modes, and optional features
such as information on memory errors reported by error-correcting codes
Enhanced Direct Memory Access
(eDMA)
Performs complex data transfers with minimal intervention from a host
processor via “n” programmable channels.
Enhanced modular input output
system (eMIOS)
Provides the functionality to generate or measure events
Flash memory
Provides non-volatile storage for program code, constants and variables
FlexCAN (controller area
network)
Supports the standard CAN communications protocol
FMPLL (frequency-modulated
phase-locked loop)
Generates high-speed system clocks and supports programmable frequency
modulation
FlexRay (FlexRay communication
controller)
Provides high-speed distributed control for advanced automotive applications
Fast Ethernet Controller (FEC)
Ethernet Media Access Controller (MAC) designed to support both 10 and 100
Mbps Ethernet/IEEE 802.3 networks
Internal multiplexer (IMUX) SIUL
subblock
Allows flexible mapping of peripheral interface on the different pins of the
device
Inter-integrated circuit (I2C™) bus
A two wire bidirectional serial bus that provides a simple and efficient method of
data exchange between devices
Interrupt controller (INTC)
Provides priority-based preemptive scheduling of interrupt requests for both
e200z0h and e200z4d cores
JTAG controller
Provides the means to test chip functionality and connectivity while remaining
transparent to system logic when not in test mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com