Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56ECxx Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 35Page - STMicroelectronics SPC56ECxx Datasheet HTML 36Page - STMicroelectronics SPC56ECxx Datasheet HTML 37Page - STMicroelectronics SPC56ECxx Datasheet HTML 38Page - STMicroelectronics SPC56ECxx Datasheet HTML 39Page - STMicroelectronics SPC56ECxx Datasheet HTML 40Page - STMicroelectronics SPC56ECxx Datasheet HTML 41Page - STMicroelectronics SPC56ECxx Datasheet HTML 42Page - STMicroelectronics SPC56ECxx Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 123 page
background image
DocID17478 Rev 9
39/123
SPC564Bxx-SPC56ECxx
Package pinouts and signal descriptions
122
PH[8]
PCR[120]
AF0
AF1
AF2
AF3
GPIO[120]
E1UC[10]
CS2_2
MA[0]
SIUL
eMIOS_1
DSPI_2
ADC_0
I/O
I/O
O
O
M/S
Tristate
166
190
A6
PH[9](6)
PCR[121]
AF0
AF1
AF2
AF3
—
GPIO[121]
—
—
—
TCK
SIUL
—
—
—
JTAGC
I/O
—
—
—
I
S
Input,
weak
pull-up
155
179
A11
PH[10](6) PCR[122]
AF0
AF1
AF2
AF3
—
GPIO[122]
—
—
—
TMS
SIUL
—
—
—
JTAGC
I/O
—
—
—
I
M/S
Input,
weak
pull-up
148
172
D10
PH[11]
PCR[123]
AF0
AF1
AF2
AF3
GPIO[123]
SOUT_3
CS0_4
E1UC[5]
SIUL
DSPI_3
DSPI_4
eMIOS_1
I/O
O
I/O
I/O
M/S
Tristate
140
164
A13
PH[12]
PCR[124]
AF0
AF1
AF2
AF3
GPIO[124]
SCK_3
CS1_4
E1UC[25]
SIUL
DSPI_3
DSPI_4
eMIOS_1
I/O
I/O
O
I/O
M/S
Tristate
141
165
B12
PH[13]
PCR[125]
AF0
AF1
AF2
AF3
GPIO[125]
SOUT_4
CS0_3
E1UC[26]
SIUL
DSPI_4
DSPI_3
eMIOS_1
I/O
O
I/O
I/O
M/S
Tristate
9
9
B1
PH[14]
PCR[126]
AF0
AF1
AF2
AF3
GPIO[126]
SCK_4
CS1_3
E1UC[27]
SIUL
DSPI_4
DSPI_3
eMIOS_1
I/O
I/O
O
I/O
M/S
Tristate
10
10
C1
PH[15]
PCR[127]
AF0
AF1
AF2
AF3
GPIO[127]
SOUT_5
—
E1UC[17]
SIUL
DSPI_5
—
eMIOS_1
I/O
O
—
I/O
M/S
Tristate
8
8
E3
Table 5. Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com