Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK2000D Datasheet(PDF) 8 Page - STMicroelectronics

Part # SRK2000D
Description  Synchronous rectifier smart driver for LLC resonant converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2000D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SRK2000D Datasheet HTML 4Page - STMicroelectronics SRK2000D Datasheet HTML 5Page - STMicroelectronics SRK2000D Datasheet HTML 6Page - STMicroelectronics SRK2000D Datasheet HTML 7Page - STMicroelectronics SRK2000D Datasheet HTML 8Page - STMicroelectronics SRK2000D Datasheet HTML 9Page - STMicroelectronics SRK2000D Datasheet HTML 10Page - STMicroelectronics SRK2000D Datasheet HTML 11Page - STMicroelectronics SRK2000D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
SRK2000
8/19
DocID17811 Rev 4
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
IEN
Bias current
VEN = VEN_On
--
1
µA
Turn-off threshold selection
VEN-Th
Selection threshold
VCC = VCCOn
0.32
0.36
0.40
V
IEN
Pull-down current
VEN = VEN_Th, VCC = VCCOn
710
13
µA
Gate drivers
VGDH
Output high voltage
IGDsource = 5 mA
11.75
11.9
-
V
IGDsource = 5 mA, VCC = 5 V
4.75
4.9
-
VGDL
Output low voltage
IGDsink = 200 mA
-
0.2
-
V
IGDsink = 200 mA, VCC = 5 V
-
0.2
-
Isourcepk
Output source peak
current
--
-1
-
A
Isinkpk
Output sink peak current
-
-
3.5
-
A
tf
Fall time
-
-
18
-
ns
tr
Rise time
-
-
40
-
ns
VGDclamp Output clamp voltage
IGDsource = 5 mA; VCC = 20 V
12
13
15
V
VGDL_UVLO UVLO saturation
VCC = 0 to VCCon
Isink = 5 mA
-1
1.3
V
1. Parameters tracking each other.
2. For VCC > 30 V IDVS1,2_b may be greater than 1 µA because of the possible current contribution of the
internal clamp Zener (few tens of µA).
Table 5. Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com