Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK2000D Datasheet(PDF) 14 Page - STMicroelectronics

Part # SRK2000D
Description  Synchronous rectifier smart driver for LLC resonant converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2000D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SRK2000D Datasheet HTML 10Page - STMicroelectronics SRK2000D Datasheet HTML 11Page - STMicroelectronics SRK2000D Datasheet HTML 12Page - STMicroelectronics SRK2000D Datasheet HTML 13Page - STMicroelectronics SRK2000D Datasheet HTML 14Page - STMicroelectronics SRK2000D Datasheet HTML 15Page - STMicroelectronics SRK2000D Datasheet HTML 16Page - STMicroelectronics SRK2000D Datasheet HTML 17Page - STMicroelectronics SRK2000D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Application information
SRK2000
14/19
DocID17811 Rev 4
Figure 8. Typical connection of the SRK2000 to the SR MOSFET
6.3
Gate driving
The IC is provided with two high current gate drive outputs (1 A source and 3.5 A sink), each
capable of driving one or more N-channel Power MOSFETs. Thanks to the programmable
gate drive UVLO, it is possible to drive both - the standard MOSFETs and logic level
MOSFETs.
The high-level voltage provided by the driver is clamped at VGDclamp (= 12 V) to avoid
excessive voltage levels on the gate in case the device is supplied with a high VCC.
The two gate drivers have a pull-down capability that ensures the SR MOSFETs cannot be
spuriously turned on even at low VCC: in fact, the drivers have a 1 V (typ.) UVLO saturation
level at VCC below the turn-on threshold.
6.4
Intelligent automatic sleep mode
A unique feature of this IC is its intelligent automatic sleep mode. The logic circuitry is able
to detect a light load condition for the converter and stop gate driving, also reducing the IC’s
quiescent consumption. This improves converter efficiency at light load, where the power
losses on the rectification body diodes (or external diodes in parallel to the MOSFETs) go
lower than the power losses in the MOSFETs and those related to their driving.
The IC is also able to detect an increase of the converter’s load and automatically restart
gate driving.
The algorithm used by the intelligent automatic sleep mode is based on a dual time
measurement system. The duration of a switching cycle of an SR MOSFET (that is one half
of the resonant converter switching period) is measured using a combination of the
negative-going edge of the drain-to-source voltage falling below VDVS1,2_PT and the
positive-going edge exceeding VDVS1,2_A; the duration of the SR MOSFET conduction is
measured from the moment its body diode starts conducting (drain-to-source voltage falling
below VTH-ON) to the moment the gate drive is turned off (in case the device is operating) or
the moment the body diode ceases to conduct (drain-to-source voltage going over VTH-ON).
While at full load the SR MOSFET conduction time occupies almost 100% of the switching
cycle, as the load is reduced, the conduction time is reduced and as it falls below 40%
(DOFF) of the SR MOSFET switching cycle the device enters sleep mode. To prevent
 
SRK2000
GD1
To Xformer
DVS1
SR1
ISR1
RD
RG
SRK2000
GD1
To Xformer
DVS1
SR1
ISR1
RD
RG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com