Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273Z4 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST10F273Z4
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273Z4 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST10F273Z4 Datasheet HTML 28Page - STMicroelectronics ST10F273Z4 Datasheet HTML 29Page - STMicroelectronics ST10F273Z4 Datasheet HTML 30Page - STMicroelectronics ST10F273Z4 Datasheet HTML 31Page - STMicroelectronics ST10F273Z4 Datasheet HTML 32Page - STMicroelectronics ST10F273Z4 Datasheet HTML 33Page - STMicroelectronics ST10F273Z4 Datasheet HTML 34Page - STMicroelectronics ST10F273Z4 Datasheet HTML 35Page - STMicroelectronics ST10F273Z4 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 188 page
background image
Internal Flash memory
ST10F273Z4
32/188
5.4.4
Flash control register 1 high
The Flash Control Register 1 High (FCR1H), together with Flash Control Register 1 Low
(FCR1L), is used to select the sectors to Erase or, during any write operation, to monitor the
status of each sector and bank.
FCR1H (0x0E 0006)
FCR
Reset value: 0000h
15
14
13
12
11
10
9
8
765432
1
0
reserved
B1S
B0S
reserved
B1F1
B1F0
RS
RS
RS
RS
Table 11.
Flash control register 1 high
Bit
Function
B1F(1:0)
Bank 1 IFlash sector 1:0 status
These bits must be set during a Sector Erase operation to select the sectors to erase in Bank 1.
Besides, during any erase operation, these bits are automatically set and give the status of the two
sectors of Bank 1 (B1F1-B1F0). The meaning of B1Fy bit for Sector y of Bank 0 is given by the
next Table 12 Banks (BxS) and Sectors (BxFy) Status bits meaning. These bits are automatically
reset at the end of a Write operation if no errors are detected.
B0S
Bank 0 status
During any erase operation, this bit is automatically modified and gives the status of the Bank 0.
The meaning of B0S bit is given in the next Table 12 Banks (BxS) and Sectors (BxFy) Status bits
meaning. This bit is automatically reset at the end of a erase operation if no errors are detected.
B1S
Bank 1 status
During any erase operation, this bit is automatically modified and gives the status of the Bank 1.
The meaning of B1S bit is given in the next Table 12 Banks (BxS) and Sectors (BxFy) Status bits
meaning. This bit is automatically reset at the end of a erase operation if no errors are detected.
Table 12.
Banks (BxS) and sectors (BxFy) status bits meaning
ERR
SUSP
BxS = 1 meaning
BxFy = 1 meaning
1
-
Erase error in bank x
Erase error in sector y of bank x
0
1
Erase suspended in bank x
Erase suspended in sector y of bank x
0
0
Don’t care
Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com