Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273Z4 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST10F273Z4
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273Z4 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST10F273Z4 Datasheet HTML 41Page - STMicroelectronics ST10F273Z4 Datasheet HTML 42Page - STMicroelectronics ST10F273Z4 Datasheet HTML 43Page - STMicroelectronics ST10F273Z4 Datasheet HTML 44Page - STMicroelectronics ST10F273Z4 Datasheet HTML 45Page - STMicroelectronics ST10F273Z4 Datasheet HTML 46Page - STMicroelectronics ST10F273Z4 Datasheet HTML 47Page - STMicroelectronics ST10F273Z4 Datasheet HTML 48Page - STMicroelectronics ST10F273Z4 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 188 page
background image
ST10F273Z4
Bootstrap loader
45/188
6.3
Alternate and selective boot mode (ABM & SBM)
6.3.1
Activation of the ABM and SBM
Alternate boot is activated with the combination ‘01’ on Port0L[5..4] at the rising edge of
RSTIN.
6.3.2
User mode signature integrity check
The behavior of the Selective Boot mode is based on the computing of a signature between
the content of 2 memory locations and a comparison with a reference signature. This
requires that users who use Selective Boot have reserved and programmed the Flash
memory locations.
6.3.3
Selective boot mode
When the user signature is not correct, instead of executing the Standard Bootstrap Loader
(triggered by P0L.4 low at reset), additional check is made.
Depending on the value at the User key location, following behavior will occur:
●
A jump is performed to the Standard Bootstrap Loader
●
Only UART is enabled for bootstraping
●
Only CAN1 is enabled for bootstraping
●
The device enters an infinite loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com