Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273Z4Q3 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST10F273Z4Q3
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273Z4Q3 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST10F273Z4Q3 Datasheet HTML 35Page - STMicroelectronics ST10F273Z4Q3 Datasheet HTML 36Page - STMicroelectronics ST10F273Z4Q3 Datasheet HTML 37Page - STMicroelectronics ST10F273Z4Q3 Datasheet HTML 38Page - STMicroelectronics ST10F273Z4Q3 Datasheet HTML 39Page - STMicroelectronics ST10F273Z4Q3 Datasheet HTML 40Page - STMicroelectronics ST10F273Z4Q3 Datasheet HTML 41Page - STMicroelectronics ST10F273Z4Q3 Datasheet HTML 42Page - STMicroelectronics ST10F273Z4Q3 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 188 page
background image
ST10F273Z4
Internal Flash memory
39/188
memory as listed in the first column, what is possible and what is not possible to do (see
column headers) is shown in the table.
5.5.8
Write protection
The Flash modules have one level of Write Protections: Each sector of each bank can be
Software Write Protected by programming at 0 the related bit WyPx in FNVWPIRL/H
register.
5.5.9
Temporary unprotection
Bits WyPx of FNVWPIRL/H can be temporary unprotected by executing the Set Protection
operation and writing 1 into these bits.
Bit ACCP can be temporary unprotected by executing the Set Protection operation and
writing are executed from IFlash.
To restore the write access protection bits it is necessary to reset the microcontroller or to
execute a Set Protection operation and write 0 into desidered bits.
It is not necessary to temporary unprotect the access protected IFlash in order to update the
code: it is, in fact, sufficient to execute the updating instructions from another Flash bank.
In reality, when a temporary unprotection operation is executed, the corresponding volatile
register is written to 1, while the non volatile registers bits previously written to 0 (for a
protection set operation), will continue to mantain the 0. For this reason, the user software
must be in charge to track the current protection status (for instance using a specific RAM
area), it is not possible to deduce it by reading the non volatile register content (a temporary
unprotection cannot be detected).
Table 25.
Summary of access protection level
Read IFlash /
jump to IFlash
Read XRAMS or
Ext Mem / Jump to
XRAM or Ext Mem
Read Flash
registers
Write Flash
registers
Fetching from IFlash
Yes / Yes
Yes / Yes
Yes
Yes
Fetching from IRAM
No / Yes
Yes / Yes
Yes
No
Fetching from XRAM
No / Yes
Yes / Yes
Yes
No
Fetching from External
memory
No / Yes
Yes / Yes
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com