Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP11362 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP11362
Description  Quad Adaptive Differential PCM Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP11362 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  TP11362 Datasheet HTML 1Page - National Semiconductor (TI) TP11362 Datasheet HTML 2Page - National Semiconductor (TI) TP11362 Datasheet HTML 3Page - National Semiconductor (TI) TP11362 Datasheet HTML 4Page - National Semiconductor (TI) TP11362 Datasheet HTML 5Page - National Semiconductor (TI) TP11362 Datasheet HTML 6Page - National Semiconductor (TI) TP11362 Datasheet HTML 7Page - National Semiconductor (TI) TP11362 Datasheet HTML 8Page - National Semiconductor (TI) TP11362 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TP11362A
Quad Adaptive Differential PCM Processor
General Description
The TP11362A is a quad (4) channel Adaptive Differential
Pulse Code Modulation (ADPCM) transcoder, fully compat-
ible to ITU G.726 recommendation in 40 kbps, 32 kbps,
24 kbps, 16 kbps and ANSI 32 kbps modes. The TP11362A
ADPCM processor can operate on up to 8 independent
channels in an 8 kHz frame. Each channel is individually
configured, supporting both full and half duplex operation. All
input/output transfers occur on an interrupt basis using se-
rial, double buffered data registers. Together with National’s
TP3054/57 COMBO® or TP3070/71 COMBO II devices, the
TP11362A forms complete ADPCM channels with Codec/
filtering.
Features
n
CCITT G.726 compatible at 40, 32, 24, 16 kbps
n
ANSI T1.301 compatible at 32 kbps
n
8-channel half-duplex (encode or decode) or 4-channel
full-duplex operation in 8 kHz frame
n
Each channel individually configurable
n
Selectable µ-law or A-law PCM coding
n
Asynchronous 8 MHz master clock operation
n
TTL and CMOS compatible inputs and outputs
n
28-pin PLCC or 24-pin DIP packages
n
Power consumption of typ. 6 mW at +5V per full-duplex
channel
n
On-Chip Power-On-Reset
n
−40˚C to +85˚C operating temperature range
n
Single 5V supply
Block Diagram
TRI-STATE® and COMBO® are registered trademarks of National Semiconductor Corporation.
DS012877-1
FIGURE 1. Block Diagram
March 1997
© 1997 National Semiconductor Corporation
DS012877
www.national.com


Similar Part No. - TP11362

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP11368 NSC-TP11368 Datasheet
555Kb / 18P
Octal Adaptive Differential PCM Processor
logo
Texas Instruments
TP11368 TI1-TP11368 Datasheet
634Kb / 20P
Octal Adaptive Differential PCM Processor
logo
National Semiconductor ...
TP11368N NSC-TP11368N Datasheet
555Kb / 18P
Octal Adaptive Differential PCM Processor
TP11368V NSC-TP11368V Datasheet
555Kb / 18P
Octal Adaptive Differential PCM Processor
logo
Texas Instruments
TP11368V/NOPB TI1-TP11368V/NOPB Datasheet
634Kb / 20P
Octal Adaptive Differential PCM Processor
More results

Similar Description - TP11362

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP11368 NSC-TP11368 Datasheet
555Kb / 18P
Octal Adaptive Differential PCM Processor
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
Quad PCM Codec/Filter
logo
OKI electronic componet...
MSM7731-01 OKI-MSM7731-01 Datasheet
247Kb / 43P
Multifunction PCM CODEC (Voice Signal Processor)
logo
Texas Instruments
TCM38C17IDL TI-TCM38C17IDL Datasheet
314Kb / 22P
QComboE FOUR-CHANNEL QUAD PCM COMBO
logo
Asahi Kasei Microsystem...
AK2304A AKM-AK2304A Datasheet
419Kb / 17P
QUAD PCM CODEC/FILTER COMBO LSI
logo
Integrated Device Techn...
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
QUAD NON-PROGRAMMABLE PCM CODEC
logo
Texas Instruments
TP11368 TI1-TP11368_11 Datasheet
634Kb / 20P
Octal Adaptive Differential PCM Processor
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
QUAD NON-PROGRAMMABLE PCM CODEC
logo
Renesas Technology Corp
821004J RENESAS-821004J Datasheet
1,003Kb / 16P
QUAD NON-PROGRAMMABLE PCM CODEC
NOVEMBER 2020
821024 RENESAS-821024 Datasheet
919Kb / 15P
QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com