Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3040J Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3040J
Description  TP3040, TP3040A PCM Monolithic Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3040J Datasheet(HTML) 3 Page - National Semiconductor (TI)

  TP3040J Datasheet HTML 1Page - National Semiconductor (TI) TP3040J Datasheet HTML 2Page - National Semiconductor (TI) TP3040J Datasheet HTML 3Page - National Semiconductor (TI) TP3040J Datasheet HTML 4Page - National Semiconductor (TI) TP3040J Datasheet HTML 5Page - National Semiconductor (TI) TP3040J Datasheet HTML 6Page - National Semiconductor (TI) TP3040J Datasheet HTML 7Page - National Semiconductor (TI) TP3040J Datasheet HTML 8Page - National Semiconductor (TI) TP3040J Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AC Electrical Characteristics
Unless otherwise specified TAe25 C All parameters are specified for a signal level of 0 dBm0 at 1 kHz The 0 dBm0 level is
assumed to be 154 Vrms measured at the output of the transmit or receive filter Limits printed in BOLD characters are
guaranteed for VCCea50Vg5% VBB eb50Vg5% TA e 0 Cto70 C by correlation with 100% electrical testing at TA e
25 C All other limits are assured by correlation with other production tests andor product design and characterization Typicals
specified at VCC ea50V VBB eb50V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TRANSMIT FILTER (Transmit filter input op amp set to the non-inverting unity gain mode with VFxIe109 Vrms unless
otherwise noted)
RLx
Minimum Load Resistance VFxO
b
25VkVOUTk25V
3
kX
b
32VkVOUTk32V
10
kX
CLx
Load Capacitance VFxO
100
pF
ROx
Output Resistance VFxO1
3
X
PSRR1
VCC Power Supply Rejection VFxOfe1 kHz VFxIae0 Vrms
30
dB
PSRR2
VBB Power Supply Rejection VFxO
Same as Above
35
dB
GAx
Absolute Gain
fe1 kHz (TP3040A)
29
30
31
dB
fe1 kHz (TP3040)
2875
30
3125
dB
GRx
Gain Relative to GAx
Below 50 Hz
b
35
dB
50 Hz
b
41
b
35
dB
60 Hz
b
35
b
30
dB
200 Hz (TP3040A)
b
15
0
dB
200 Hz (TP3040)
b
15
005
dB
300 Hz to 3 kHz (TP3040A)
b
0125
0125
dB
300 Hz to 3 kHz (TP3040)
b
015
015
dB
33 kHz
b
035
003
dB
34 kHz
b
070
b
01
dB
40 kHz
b
15
b
14
dB
46 kHz and Above
b
32
dB
DAx
Absolute Delay at 1 kHz
250
m
s
DDx
Differential Envelope Delay from
60
m
s
1 kHz to 26 kHz
DPx1
Single Frequency Distortion
b
48
dB
Products
DPx2
Distortion at Maximum Signal
016 Vrms 1 kHz Signal Applied to
b
45
dB
Level
VFxIa Gaine20 dB RLe10k
NCx1
Total C Message Noise at VFxO
TP3040 TP3040A
2
5
dBrnc0
NCx2
Total C Message Noise at VFxO
Gain Setting Op Amp at 20 dB
Non-Inverting (Note 3)
3
6
dBrnc0
TAe0 Cto70 C
TP3040 TP3040A
GAxT
Temperature Coefficient of
00004
dB C
1 kHz Gain
GAxS
Supply Voltage Coefficient of
VCCe50Vg5%
001
dBV
1 kHz Gain
VBBeb50Vg5%
CTRX
Crosstalk Receive to Transmit
Receive Filter Outpute22 Vrms
b
70
dB
20 log
VFxO
VFRO
VFxIae0 Vrms fe02 kHz to 34 kHz
Measure VFxO
GRxL
Gaintracking Relative to GAx
Output Levelea3 dBm0
b
01
01
dB
a
2 dBm0 to b40 dBm0
b
005
005
dB
b
40 dBm0 to b55 dBm0
b
01
01
dB
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com