Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3040J Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3040J
Description  TP3040, TP3040A PCM Monolithic Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3040J Datasheet(HTML) 5 Page - National Semiconductor (TI)

  TP3040J Datasheet HTML 1Page - National Semiconductor (TI) TP3040J Datasheet HTML 2Page - National Semiconductor (TI) TP3040J Datasheet HTML 3Page - National Semiconductor (TI) TP3040J Datasheet HTML 4Page - National Semiconductor (TI) TP3040J Datasheet HTML 5Page - National Semiconductor (TI) TP3040J Datasheet HTML 6Page - National Semiconductor (TI) TP3040J Datasheet HTML 7Page - National Semiconductor (TI) TP3040J Datasheet HTML 8Page - National Semiconductor (TI) TP3040J Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC Electrical Characteristics (Continued)
Unless otherwise specified TA e 25 C All parameters are specified for a signal level of 0 dBm0 at 1 kHz The 0 dBm0 level is
assumed to be 154 Vrms measured at the output of the transmit or receive filter Limits printed in BOLD characters are
guaranteed for VCC ea50V g5% VBB eb50V g5% TA e 0 Cto70 C by correlation with 100% electrical testing at TA e
25 C All other limits are assured by correlation with other production tests andor product design and characterization Typicals
specified at VCC ea50V VBB eb50V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RECEIVE OUTPUT POWER AMPLIFIER
IBP
Input Leakage Current PWRI
b
32V s VIN s 32V
01
3
m
A
RIP
Input Resistance PWRI
10
MX
ROP1
Output Resistance PWROa PWROb
Amplifiers Active
1
X
CLP
Load Capacitance PWROa PWROb
500
pF
GApa
Gain PWRI to PWROa
RLe600X Connected Between
1
VV
GApb
Gain PWRI to PWROb
PWROa and PWROb Input
b
1
VV
Levele0 dBm0 (Note 4)
GRpL
Gaintracking Relative to 0 dBm0
Ve205 Vrms RLe600X
(Notes 4 5)
b
01
01
dB
Output Level Including Receive Filter
Ve175 Vrms RLe300X
b
01
01
dB
SDp
SignalDistortion
Ve205 Vrms RLe600X
(Notes 4 5)
b
45
dB
Ve175 Vrms RLe300X
b
45
dB
VOSP
Output DC Offset PWROa PWROb
PWRI Connected to GNDA
b
50
50
mV
PSRR5
Power Supply Rejection of VCC or VBB
PWRI Connected to GNDA
45
dB
Note 1
Maximum power consumption will depend on the load impedance connected to the power amplifier This specification listed assumes 0 dBm is delivered to
600X connected from PWROa to PWROb
Note 2
Voltage input to receive filter at 0V VFRO connected to PWRI 600X from PWROa to PWROb Output measured from PWROa to PWROb
Note 3
The 0 dBm0 level for the filter is assumed to be 154 Vrms measured at the output of the XMT or RCV filter
Note 4
The 0 dBm0 level for the power amplifiers is load dependent For RLe600X to GNDA the 0 dBm0 level is 143 Vrms measured at the amplifier output For
RLe300X the 0 dBm0 level is 122 Vrms
Note 5
VFRO connected to PWRI input signal applied to VFRI
Note 6
Previous revisions of the datasheet did not clearly indicate this specification requires power amps in powerdown (PWRI eb525V)
Typical Application
TLH6660 – 2
Note 1
Transmit voltage gain e
R1 aR2
R2
c
02 (The filter itself introducesa3dB gain) (R1 aR2 t10k)
Note 2
Receive gain e
R4
R3 aR4
(R3 aR4t10k)
Note
In the configuration shown the receive filter power amplifiers will drive a 600X T to R termination to a maximum signal level of 85 dBm An alternative
arrangement using a transformer winding ratio equivalent to 14141 and 300X resistor RS will provide a maximum signal level of 101 dBm across a 600X
termination impedance
FIGURE 2
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com