Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7260XX Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST7260XX
Description  Low speed USB 8-bit MCU family with up to 8K Flash
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7260XX Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST7260XX Datasheet HTML 65Page - STMicroelectronics ST7260XX Datasheet HTML 66Page - STMicroelectronics ST7260XX Datasheet HTML 67Page - STMicroelectronics ST7260XX Datasheet HTML 68Page - STMicroelectronics ST7260XX Datasheet HTML 69Page - STMicroelectronics ST7260XX Datasheet HTML 70Page - STMicroelectronics ST7260XX Datasheet HTML 71Page - STMicroelectronics ST7260XX Datasheet HTML 72Page - STMicroelectronics ST7260XX Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 139 page
background image
ST7260xx
Watchdog timer (WDG)
69/139
Alternate counter low register (ACLR)
This is an 8-bit register that contains the low part of the counter value. A write to this register
resets the counter. An access to this register after an access to CSR register does not clear
the TOF bit in the CSR register.
Input capture 2 high register (IC2HR)
This is an 8-bit register that contains the high part of the counter value (transferred by the
Input Capture 2 event).
Input capture 2 low register (IC2LR)
This is an 8-bit register that contains the low part of the counter value (transferred by the
Input Capture 2 event).
ACLR
Reset value: 1111 1100 (FCh)
76
543
21
0
MSB
LSB
RO
RO
RO
RO
RO
RO
RO
RO
1C2HR
Reset value: undefined
76
543
21
0
MSB
LSB
RO
RO
RO
RO
RO
RO
RO
RO
1C2LR
Reset value: undefined
76
543
21
0
MSB
LSB
RO
RO
RO
RO
RO
RO
RO
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com