Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7260XX Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST7260XX
Description  Low speed USB 8-bit MCU family with up to 8K Flash
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7260XX Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST7260XX Datasheet HTML 9Page - STMicroelectronics ST7260XX Datasheet HTML 10Page - STMicroelectronics ST7260XX Datasheet HTML 11Page - STMicroelectronics ST7260XX Datasheet HTML 12Page - STMicroelectronics ST7260XX Datasheet HTML 13Page - STMicroelectronics ST7260XX Datasheet HTML 14Page - STMicroelectronics ST7260XX Datasheet HTML 15Page - STMicroelectronics ST7260XX Datasheet HTML 16Page - STMicroelectronics ST7260XX Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 139 page
background image
ST7260xx
Pin description
13/139
Table 3.
Device pin description (SO24)
Pin n°
Pin name
Level
Port / control
Main
function
(after
reset)
Alternate function
Input
Output
1VDD
S
Power supply voltage
(4 V - 5.5 V)
2
OSCOUT
O
Oscillator output
3
OSCIN
I
Oscillator input
4VSS
S
Digital ground
5
PC1/TDO
I/O
CT
X
X
Port C1
SCI Transmit Data
Output
6
PC0/RDI
I/O CT
X
X
Port C0
SCI Receive Data
Input
7
RESET
I/O
X
X
Reset
8
PB6/IT7
I/O CT 10 mA
X
X
X
Port B6
9VPP/TEST
S
Programming supply
10
PB3
I/O CT 10 mA
X
X
Port B3
11
PB2
I/O CT 10 mA
X
X
Port B2
12
PB1/USBOE
I/O CT 10 mA
X
X
Port B1
USB Output Enable
13
PB0
I/O CT 10 mA
X
X
Port B0
14
PA7/OCMP2/IT4
I/O
CT
X
X
X
Port A7
Timer Output
Compare 2
15
PA5/ICAP2/IT2
I/O
CT
X
X
X
Port A5
Timer Input Capture
2
16
PA4/ICAP1/IT1
I/O
CT
X
X
X
Port A4
Timer Input Capture
1
17
PA3/EXTCLK
I/O
CT
X
X
Port A3
Timer External Clock
18
PA2/ICCCLK
I/O CT 25 mA
X
T
Port A2
ICC Clock
19
PA1/ICCDATA
I/O CT 25 mA
X
T
Port A1
ICC Data
20
PA0/MCO
I/O
CT
X
X
Port A0
Main Clock Output
21
VSSA
S
Analog ground
22
USBDP
I/O
USB bidirectional data (data +)
23
USBDM
I/O
USB bidirectional data (data -)
24
USBVCC
O
USB power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com