Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7262XXX Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST7262XXX
Description  Low speed USB 8-bit MCU with 3 endpoints
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262XXX Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST7262XXX Datasheet HTML 122Page - STMicroelectronics ST7262XXX Datasheet HTML 123Page - STMicroelectronics ST7262XXX Datasheet HTML 124Page - STMicroelectronics ST7262XXX Datasheet HTML 125Page - STMicroelectronics ST7262XXX Datasheet HTML 126Page - STMicroelectronics ST7262XXX Datasheet HTML 127Page - STMicroelectronics ST7262XXX Datasheet HTML 128Page - STMicroelectronics ST7262XXX Datasheet HTML 129Page - STMicroelectronics ST7262XXX Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 139 page
background image
126/139
Doc ID 6996 Rev 5
Figure 89. 32-Pin Plastic Dual In-Line Package, Shrink 400-mil Width
Figure 90. 20-Pin Plastic Small Outline Package, 300-mil Width
Dim.
mm
inches1)
Min
Typ
Max
Min
Typ
Max
A
3.56
3.76
5.08
0.1402
0.1480
0.2000
A1
0.51
0.0201
A2
3.05
3.56
4.57
0.1201
0.1402
0.1799
b
0.36
0.46
0.58
0.0142
0.0181
0.0228
b1
0.76
1.02
1.40
0.0299
0.0402
0.0551
C
0.20
0.25
0.36
0.0079
0.0098
0.0142
D
27.43
28.45 1.0799
1.1201
E
9.91 10.41 11.05 0.3902
0.4098
0.4350
E1
7.62
8.89
9.40
0.3000
0.3500
0.3701
e
1.78
0.0701
eA
10.16
0.4000
eB
12.70
0.5000
eC
1.40
0.0551
L
2.54
3.05
3.81
0.1000
0.1201
0.1500
Number of Pins
N
32
Note 1. Values in inches are converted from mm and
rounded to 4 decimal digits.
D
b2
b
e
A
A1
A2
L
E1
E
eC
C
eA
eB
Dim.
mm
inches1)
Note 1. Values in inches are converted from mm
and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
2.35
2.65 0.0925
0.1043
A1
0.10
0.30 0.0039
0.0118
B
0.33
0.51 0.0130
0.0201
C
0.23
0.32 0.0091
0.0126
D
12.60
13.00 0.4961
0.5118
E
7.40
7.60 0.2913
0.2992
e
1.27
0.0500
H
10.00
10.65 0.3937
0.4193
h
0.25
0.75 0.0098
0.0295
α
0°
8°
0°
8°
L
0.40
1.27 0.0157
0.0500
Number of Pins
N
20
EH
A
A1
B
e
D
c
h x 45×
L
a
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com