Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7262XXX Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST7262XXX
Description  Low speed USB 8-bit MCU with 3 endpoints
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262XXX Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST7262XXX Datasheet HTML 31Page - STMicroelectronics ST7262XXX Datasheet HTML 32Page - STMicroelectronics ST7262XXX Datasheet HTML 33Page - STMicroelectronics ST7262XXX Datasheet HTML 34Page - STMicroelectronics ST7262XXX Datasheet HTML 35Page - STMicroelectronics ST7262XXX Datasheet HTML 36Page - STMicroelectronics ST7262XXX Datasheet HTML 37Page - STMicroelectronics ST7262XXX Datasheet HTML 38Page - STMicroelectronics ST7262XXX Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 139 page
background image
ST7262xxx
35/139
Doc ID 6996 Rev 5
I/O PORTS (Cont’d)
9.2.6 Port B
Table 10. Port B Description
Figure 27. Port B and Port C [7:2] Configuration
PORT B
I/O
Alternate Function
Input*
Output
Signal
Condition
PB0
floating
push-pull (high sink)
MCO (Main Clock Output)
MCO = 1 (MISCR)
PB1
floating
push-pull (high sink)
RDI
SCI enabled
PB2
floating
push-pull (high sink)
TDO
TE = 1 (SCICR2)
PB3
floating
push-pull (high sink)
ARTCLK
EXCL = 1 (ARTCSR)
PB4
floating
push-pull (high sink)
ARTIC1
ART Timer enabled
IT5 Schmitt triggered input
IT5E = 1 (ITRFRE1)
PB5
floating
push-pull (high sink)
ARTIC2
ART Timer enabled
IT6 Schmitt triggered input
IT6E = 1 (ITRFRE1)
PB6
floating
push-pull (high sink)
PWM1
OE0 = 1 (PWMCR)
IT7 Schmitt triggered input
IT7E = 1 (ITRFRE1)
PB7
floating
push-pull (high sink)
PWM2
OE1 = 1 (PWMCR)
IT8 Schmitt triggered input
IT8E = 1 (ITRFRE1)
*Reset State
DR
DDR
LATCH
LATCH
DR SEL
DDR SEL
VDD
PAD
ALTERNATE ENABLE
ALTERNATE ENABLE
ALTERNATE ENABLE
ALTERNATE
ALTERNATE INPUT
OUTPUT
P-BUFFER
N-BUFFER
1
0
1
0
CMOS SCHMITT TRIGGER
VSS
VDD
DIODES
PULL-UP*
* PULL-UP ON PORT C [7:2] ONLY
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com