Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7262XXX Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST7262XXX
Description  Low speed USB 8-bit MCU with 3 endpoints
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262XXX Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST7262XXX Datasheet HTML 25Page - STMicroelectronics ST7262XXX Datasheet HTML 26Page - STMicroelectronics ST7262XXX Datasheet HTML 27Page - STMicroelectronics ST7262XXX Datasheet HTML 28Page - STMicroelectronics ST7262XXX Datasheet HTML 29Page - STMicroelectronics ST7262XXX Datasheet HTML 30Page - STMicroelectronics ST7262XXX Datasheet HTML 31Page - STMicroelectronics ST7262XXX Datasheet HTML 32Page - STMicroelectronics ST7262XXX Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 139 page
background image
ST7262xxx
29/139
Doc ID 6996 Rev 5
INTERRUPTS (Cont’d)
Table 6. Interrupt Mapping
Table 7. Nested Interrupts Register Map and Reset Values
N°
Source
Block
Description
Register
Label
Priority
Order
Exit
from
HALT
Address
Vector
Reset
Highest
Priority
Lowest
Priority
Yes
FFFEh-FFFFh
TRAP software interrupt
No
FFFCh-FFFDh
0
ICP
FLASH Start programming NMI interrupt
Yes
FFFAh-FFFBh
1
USB
USB End Suspend interrupt
USBISTR
Yes
FFF8h-FFF9h
2
I/O Ports
Port A external interrupts IT[4:1]
ITRFRE1
Yes
FFF6h-FFF7h
3
Port B external interrupts IT[8:5]
ITRFRE1
Yes
FFF4h-FFF5h
4
Port C external interrupts IT[12:9]
ITRFRE2
Yes
FFF2h-FFF3h
5
TBU
Timebase Unit interrupt
TBUCSR
No
FFF0h-FFF1h
6
ART
ART/PWM Timer interrupt
ICCSR
Yes
FFEEh-FFEFh
7
SPI
SPI interrupt vector
SPISR
Yes
FFECh-FFEDh
8
SCI
SCI interrupt vector
SCISR
No
FFEAh-FFEBh
9
USB
USB interrupt vector
USBISTR
No
FFE8h-FFE9h
10
ADC
A/D End of conversion interrupt
ADCCSR
No
FFE6h-FFE7h
Reserved area
FFE0h-FFE5h
Address
(Hex.)
Register
Label
765
4321
0
0032h
ISPR0
Reset Value
Ext. Interrupt Port B
Ext. Interrupt Port A
USB END SUSP
Not Used
I1_3
1
I0_3
1
I1_2
1
I0_2
1
I1_1
1
I0_1
11
1
0033h
ISPR1
Reset Value
SPI
ART
TBU
Ext. Interrupt Port C
I1_7
1
I0_7
1
I1_6
1
I0_6
1
I1_5
1
I0_5
1
I1_4
1
I0_4
1
0034h
ISPR2
Reset Value
Not Used
ADC
USB
SCI
I1_11
1
I0_11
1
I1_10
1
I0_10
1
I1_9
1
I0_9
1
I1_8
1
I0_8
1
0035h
ISPR3
Reset Value
111
1
Not Used
Not Used
I1_13
1
I0_13
1
I1_12
1
I0_12
1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com