Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7262XXX Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST7262XXX
Description  Low speed USB 8-bit MCU with 3 endpoints
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262XXX Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST7262XXX Datasheet HTML 127Page - STMicroelectronics ST7262XXX Datasheet HTML 128Page - STMicroelectronics ST7262XXX Datasheet HTML 129Page - STMicroelectronics ST7262XXX Datasheet HTML 130Page - STMicroelectronics ST7262XXX Datasheet HTML 131Page - STMicroelectronics ST7262XXX Datasheet HTML 132Page - STMicroelectronics ST7262XXX Datasheet HTML 133Page - STMicroelectronics ST7262XXX Datasheet HTML 134Page - STMicroelectronics ST7262XXX Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 139 page
background image
131/139
Doc ID 6996 Rev 5
ST7262 MICROCONTROLLER OPTION LIST
(Last update: March 2006)
Customer:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference/ROM Code* : . . . . . . . . . . . . . . . . . . . . . . .
*The ROM code name is assigned by STMicroelectronics.
ROM code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option):
Conditioning (check only one option):
Special Marking:
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _ _ _ "
Authorized characters are letters, digits, '.', '-', '/' and spaces only.
Max character count: S020 (8 char. max) : _ _ _ _ _ _ _ _ S034 (13 char. max) : _ _ _ _ _ _ _ _ _ _ _ _ _
DIP20/DIP32/LQFP44 (10 char. max) : _ _ _ _ _ _ _ _ _ _ DIP42 (16 char. max) : _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _
Watchdog Selection:
[ ] Software activation
[ ] Hardware activation
Nested Interrupt:
[ ] Enabled
[ ] Disabled
LVD Reset :
[ ] Disabled
[ ] Enabled
Oscillator Selection :
[ ] 6 MHz.
[ ] 12 MHz.
Readout protection:
[ ] Enabled
[ ] Disabled
Date
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signature . . . . . . . . . . . . . . . . . . . . . . . . . . .
Please download the latest version of this option list from:
http://www.st.com/mcu > downloads > ST7 microcontrollers > Option list
---------------------------------
ROM DEVICE:
---------------------------------
|
|
-----------------------------------------
8K
-----------------------------------------
|
|
-----------------------------------------
16K
-----------------------------------------
SDIP20:
|
[ ] ST72623F2B1
|
SO20:
|
[ ] ST72623F2M1
|
SDIP32:
|
|
[ ] ST72621K4B1
SO34:
|
[ ] ST72622L2M1
|
[ ] ST72621L4M1
SDIP42:
|
|
[ ] ST72621J4B1
LQFP44:
|
|
[ ] ST72621J4T1
---------------------------------
DIE FORM:
---------------------------------
|
|
------------------------------------------
8K
------------------------------------------
|
|
------------------------------------------
16K
------------------------------------------
20-pin:
|
[ ]
|
32-pin:
|
[ ]
|
[ ]
34-pin:
|
[ ]
|
[ ]
42-pin:
|
[ ]
|
[ ]
44-pin:
|
[ ]
|
[ ]
------------------------------------------------------------------------
Packaged Product (do not specify for DIP package)
------------------------------------------------------------------------
|
|
-----------------------------------------------------
Die Product (dice tested at 25°C only)
-----------------------------------------------------
[ ] Tape & Reel
[ ] Tray (LQFP package only) |
[ ] Tape & Reel
[ ] Tube (SO package only)
|
[ ] Inked wafer
|
[ ] Sawn wafer on sticky foil
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com