Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72321AR6-Auto Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST72321AR6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321AR6-Auto Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST72321AR6-Auto Datasheet HTML 21Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 22Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 23Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 24Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 25Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 26Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 27Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 28Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 243 page
background image
ST72321xx-Auto
Package pinout and pin description
Doc ID 13829 Rev 1
25/243
Legend / Abbreviations for Table 3:
Type:
I = input
O = output
S = supply
Input level:
A = dedicated analog input
In/Output level:
C = CMOS 0.3VDD/0.7VDD
CT = CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
●
Input:
float = floating
wpu = weak pull-up
int = interrupt(a)
ana = analog
●
Output:
OD = open-drain(b)
PP = push-pull
63
-
PE2
(Flash device)
I/O CT
X
Port E2
Caution: In Flash devices this port
is always input with weak pull-up.
PE2
(ROM device)
X
XX
Port E2
Caution: In ROM devices, no
weak pull-up present on this port.
In LQFP44 this pin is not
connected to an internal pull-up
like other unbonded pins. It is
recommended to configure it as
output push-pull to avoid added
current consumption.
64
-
PE3
I/O CT
X
XX
X
Port E3
1.
It is mandatory to connect all available VDD and VAREF pins to the supply voltage and all VSS and VSSA pins to ground.
2.
OSC1 and OSC2 pins connect a crystal/ceramic resonator or an external source to the on-chip oscillator; see Section 6:
Supply, reset and clock management and Section 19.5: Clock and timing characteristics on page 195 for more details.
Table 3.
Device pin description (continued)
Pin No.
Pin name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output
a.
In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up column
(wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input, otherwise
the configuration is floating interrupt input.
b.
In the open-drain output column, “T” defines a true open-drain I/O (P-Buffer and protection diode to VDD are not
implemented). See Section 9: I/O ports on page 70 and Section 19.8: I/O port pin characteristics on page 203
for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com