Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72321AR6-Auto Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST72321AR6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321AR6-Auto Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST72321AR6-Auto Datasheet HTML 43Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 44Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 45Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 46Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 47Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 48Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 49Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 50Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 243 page
background image
ST72321xx-Auto
Supply, reset and clock management
Doc ID 13829 Rev 1
47/243
6.6.5
System Integrity (SI) Control/Status register (SICSR)
SICSR
Reset value:
000x 000x (00h)
76
543
21
0
AVDS
AVDIE
AVDF
LVDRF
Reserved
WDGRF
RW
RW
RW
RW
-
RW
Table 13.
SICSR description
Bit
Name
Function
7AVDS
Voltage Detection selection
This bit is set and cleared by software. Voltage Detection is available only if the
LVD is enabled by option byte.
0: Voltage detection on VDD supply
1: Voltage detection on EVD pin
6
AVDIE
Voltage Detector interrupt enable
This bit is set and cleared by software. It enables an interrupt to be generated
when the AVDF flag changes (toggles). The pending interrupt information is
automatically cleared when software enters the AVD interrupt routine.
0: AVD interrupt disabled
1: AVD interrupt enabled
5AVDF
Voltage Detector flag
This read-only bit is set and cleared by hardware. If the AVDIE bit is set, an
interrupt request is generated when the AVDF bit changes value. Refer to
Figure 15 and to Monitoring the VDD main supply on page 44 for additional
details.
0: VDD or VEVD over VIT+(AVD) threshold
1: VDD or VEVD under VIT-(AVD) threshold
4
LVDRF
LVD reset flag
This bit indicates that the last Reset was generated by the LVD block. It is set by
hardware (LVD reset) and cleared by software (writing zero). See Table 14: Reset
source flags for more details. When the LVD is disabled by OPTION BYTE, the
LVDRF bit value is undefined.
3:1
-
Reserved, must be kept cleared.
0
WDGRF
Watchdog reset flag
This bit indicates that the last Reset was generated by the Watchdog peripheral. It
is set by hardware (watchdog reset) and cleared by software (writing zero) or an
LVD Reset (to ensure a stable cleared state of the WDGRF flag when CPU starts).
Combined with the LVDRF flag information, the flag description is given in
Table 14.
Table 14.
Reset source flags
Reset sources
LVDRF
WDGRF
External RESET pin
0
0
Watchdog
0
1
LVD
1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com