Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72321AR7-Auto Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST72321AR7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321AR7-Auto Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST72321AR7-Auto Datasheet HTML 49Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 50Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 51Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 52Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 53Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 54Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 55Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 56Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 243 page
background image
ST72321xx-Auto
Interrupts
Doc ID 13829 Rev 1
53/243
Figure 20.
Nested interrupt management
7.5
Interrupt register description
7.5.1
CPU CC register interrupt bits
These two bits indicate the current interrupt software priority (see Table 17) and are
set/cleared by hardware when entering in interrupt. The loaded value is given by the
corresponding bits in the interrupt software priority registers (ISPRx).
They can be also set/cleared by software with the RIM, SIM, HALT, WFI, IRET and
PUSH/POP instructions (see Table 19: Interrupt dedicated instruction set).
MAIN
IT2
TRAP
MAIN
IT0
3
2
1
3
3
3/0
3
11
00
01
11
11
11
RIM
IT1
IT4
IT4
IT1
IT2
IT3
I1
I0
11 / 10
10
SOFTWARE
PRIORITY
LEVEL
CPU CC
Reset value: 111x 1010 (xAh)
76
543
21
0
11
I1
H
I0
NZC
RW
RW
RW
RW
RW
RW
Table 16.
CPU CC register interrupt bits description
Bit
Name
Function
5I1
Interrupt Software Priority 1
3I0
Interrupt Software Priority 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com