Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72321AR7-Auto Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST72321AR7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321AR7-Auto Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST72321AR7-Auto Datasheet HTML 40Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 41Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 42Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 43Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 44Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 45Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 46Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 47Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 243 page
background image
Supply, reset and clock management
ST72321xx-Auto
44/243
Doc ID 13829 Rev 1
Figure 14.
Low voltage detector versus reset
6.6.2
Auxiliary voltage detector (AVD)
The auxiliary voltage detector function (AVD) is based on an analog comparison between a
VIT-(AVD) and VIT+(AVD) reference value and the VDD main supply or the external EVD pin
voltage level (VEVD). The VIT- reference value for falling voltage is lower than the VIT+
reference value for rising voltage in order to avoid parasitic detection (hysteresis).
The output of the AVD comparator can be read directly by the application software through a
real-time status bit (AVDF) in the SICSR register. This bit is read only.
Caution:
The AVD function is active only if the LVD is enabled through the option byte.
Monitoring the VDD main supply
This mode is selected by clearing the AVDS bit in the SICSR register.
The AVD voltage threshold value is relative to the selected LVD threshold configured by
option byte (see Section 21.1.1: Flash configuration on page 223).
If the AVD interrupt is enabled, an interrupt is generated when the voltage crosses the
VIT+(AVD) or VIT-(AVD) threshold (AVDF bit toggles).
In the case of a drop in voltage, the AVD interrupt acts as an early warning, allowing
software to shut down safely before the LVD resets the microcontroller. See Figure 15.
The interrupt on the rising edge is used to inform the application that the VDD warning state
is over.
If the voltage rise time trv is less than 256 or 4096 CPU cycles (depending on the reset delay
selected by option byte), no AVD interrupt will be generated when VIT+(AVD) is reached.
If trv is greater than 256 or 4096 cycles
●
two AVD interrupts will be received if the AVD interrupt is enabled before the VIT+(AVD)
threshold is reached: the first when the AVDIE bit is set, and the second when the
threshold is reached.
●
only one AVD interrupt will occur if the AVD interrupt is enabled after the VIT+(AVD)
threshold is reached.
VDD
VIT+
RESET
VIT-
Vhys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com